Electronic Components Datasheet Search
  English  ▼

X  

BL8569 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8569
Description  Dual 500mA High PSRR Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8569 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8569 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8569 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8569 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8569 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8569 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8569 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8569 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.belling.com.cn
3
BL8569
ELECTRICAL CHARACTERISTICS
(Test Conditions: Cin=1uF,Cout=3.3uF,TA=25
°C, unless otherwise specified. )
BL8569, For Arbitrary Output Voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vin
Input Voltage
1.2
6
V
Vout
Output Voltage
Vin=Set Vout+1V
1mA≤Iout≤30mA
Vout
x0.98
Vout1
Vout
X1.02
V
Iout (Max.)
Maximun Output
Current
600
mA
Vdrop
Dropout
Voltage,Vout≥2.8V
Iout=50mA
25
40
mV
Iout=100mA
50
75
mV
Iout=150mA
75
115
mV
Iout=400mA
220
280
mV
Vout
Vin
Vout
⋅
∆
∆
Line Regulation
Iout=40mA
2.8V≤Vin≤6V
0.05
0.1
%/V
Vout
∆
/
Iout
∆
Load Regulation
Vin=Set Vout+1V
1mA≤Iout≤500mA
100
150
mV
Iss
Supply Current
Vin=Set Vout+1V
30
50
uA
Istandby
Supply Current
(Standby)
Vin=Set Vout+1V
Vce=0V
0.1
1.0
uA
Vout
T
Vout
⋅
∆
∆
Output Voltage
Temperature
Coefficiency
Vin=Set Vout+1V
Iout=30mA
±50
ppm/
°C
PSRR
Ripple Rejection
F=1000Hz,
Ripple=0.5Vp-p
Vin=Set Vout+1V
72
dB
Ilim
Short Current Limit
Vout=0V
500
mA
Vceh
CE Input Voltage “H”
1.4
V
Vcel
CE Input Voltage “L”
0.25
V
en
Output Noise
BW=10Hz~100kHz
50
uVrms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com