Electronic Components Datasheet Search
  English  ▼

X  

BL9110 Datasheet(PDF) 13 Page - SHANGHAI BELLING CO., LTD.

Part # BL9110
Description  1A Low Dropout, Low Quiescent Current
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9110 Datasheet(HTML) 13 Page - SHANGHAI BELLING CO., LTD.

Back Button BL9110 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 17Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PPMIC BU
www.belling.com.cn
BL9110 Rev 1.2
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
07/2011
©2011 Belling All Rights Reserved
13
BL9110
1A Low Dropout, Low Qu
1A Low Dropout, Low Qu
1A Low Dropout, Low Qu
1A Low Dropout, Low Quiescent Current
iescent Current
iescent Current
iescent Current
High PSRR CMOS Linear
High PSRR CMOS Linear
High PSRR CMOS Linear
High PSRR CMOS Linear Regulator
Regulator
Regulator
Regulator
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
BL9110-3.3V
Output Current (A)
Output Voltage VS. Output Current
Turn on Transient Response
CH1: EN Pin Voltage (V)
CH2: Input Inrush Current (mA)
CH4: Output Voltage (V)
Turn off Transient Response
CH1: EN Pin Voltage (V)
CH4: Output Voltage (V)
Turn off Transient Response
CH1: EN Pin Voltage (V)
CH4: Output Voltage (V)
100mA, resistive load
No load
Load Transient Response
CH2: Output Current (mA)
CH4: Output Voltage (mV)
100mA
500mA
Load Transient Response
CH2: Output Current (mA)
CH4: Output Voltage (mV)
50mA
100mA
BL9110-3.3V
BL9110-3.3V
BL9110-3.3V
BL9110-3.3V
BL9110-3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com