Electronic Components Datasheet Search
  English  ▼

X  

BL9110 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL9110
Description  1A Low Dropout, Low Quiescent Current
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9110 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL9110 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9110 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PPMIC BU
www.belling.com.cn
BL9110 Rev 1.2
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
07/2011
©2011 Belling All Rights Reserved
2
BL9110
1A Low Dropout, Low Qu
1A Low Dropout, Low Qu
1A Low Dropout, Low Qu
1A Low Dropout, Low Quiescent Current
iescent Current
iescent Current
iescent Current
High PSRR CMOS Linear
High PSRR CMOS Linear
High PSRR CMOS Linear
High PSRR CMOS Linear Regulator
Regulator
Regulator
Regulator
Absolute Maximum Rating
(Note 1)
Input Supply Voltage (VDD)
-0.3V to +7V
CE Input Voltage
-0.3V to +7V
Output Voltage
-0.3V to VIN+0.3V
Output Current
1.4A
Maximum Junction Temperature
125°C
Operating Temperature Range
(Note2)
-40°C to 85°C
Storage Temperature Range
-65°C to 125°C
Lead Temperature (Soldering, 10s)
300°C
Package Information
Part Number
Top Mark
Temp Range
BL9110-VVVXXAA
BL9110AA
VVVYWW
(Note3)
-40°C to +85°C
BL9110-VVVXXBA/B
BL9110BA/B
VVVYWW
-40°C to +85°C
BL9110-VVVXXCA
BL9110CA
VVVYWW
-40°C to +85°C
AA
BA
BB
CA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com