Electronic Components Datasheet Search
  English  ▼

X  

LT1121 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1121
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1121 Datasheet HTML 9Page - Linear Technology LT1121 Datasheet HTML 10Page - Linear Technology LT1121 Datasheet HTML 11Page - Linear Technology LT1121 Datasheet HTML 12Page - Linear Technology LT1121 Datasheet HTML 13Page - Linear Technology LT1121 Datasheet HTML 14Page - Linear Technology LT1121 Datasheet HTML 15Page - Linear Technology LT1121 Datasheet HTML 16Page - Linear Technology LT1121 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3013
13
3013fe
APPLICATIONS INFORMATION
Extra consideration must be given to the use of ceramic
capacitors. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior across
temperature and applied voltage. The most common
dielectrics used are specified with EIA temperature
characteristic codes of Z5U, Y5V, X5R and X7R. The Z5U and
Y5V dielectrics are good for providing high capacitances
in a small package, but they tend to have strong voltage
and temperature coefficients as shown in Figures 2
and 3. When used with a 5V regulator, a 16V 10μF Y5V
capacitor can exhibit an effective value as low as 1μF to
2μF for the DC bias voltage applied and over the operating
temperature range. The X5R and X7R dielectrics result in
more stable characteristics and are more suitable for use
as the output capacitor. The X7R type has better stability
across temperature, while the X5R is less expensive and is
available in higher values. Care still must be exercised when
using X5R and X7R capacitors; the X5R and X7R codes
only specify operating temperature range and maximum
capacitance change over temperature. Capacitance change
due to DC bias with X5R and X7R capacitors is better than
Y5V and Z5U capacitors, but can still be significant enough
to drop capacitor values below appropriate levels. Capacitor
DC bias characteristics tend to improve as component
case size increases, but expected capacitance at operating
voltage should be verified.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress, simi-
lar to the way a piezoelectric accelerometer or microphone
works. For a ceramic capacitor the stress can be induced
by vibrations in the system or thermal transients.
PWRGD Flag and Timing Capacitor Delay
The PWRGD flag is used to indicate that the ADJ pin volt-
age is within 10% of the regulated voltage. The PWRGD
pin is an open-collector output, capable of sinking 50μA
of current when the ADJ pin voltage is low. There is no
internal pull-up on the PWRGD pin; an external pull-up
resistor must be used. When the ADJ pin rises to within
10% of its final reference value, a delay timer is started.
At the end of this delay, programmed by the value of the
capacitor on the CT pin, the PWRGD pin switches to a high
impedance and is pulled up to a logic level by an external
pull-up resistor.
To calculate the capacitor value on the CT pin, use the
following formula:
C
It
VV
TIME
CT
DELAY
CT HIGH
CT LOW
=
•
–
()
(
)
DC BIAS VOLTAGE (V)
3013 F02
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3013 F03
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
Figure 2. Ceramic Capacitor DC Bias Characteristics
Figure 3. Ceramic Capacitor Temperature Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com