Electronic Components Datasheet Search
  English  ▼

X  

LT1121 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1121
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121 Datasheet(HTML) 3 Page - Linear Technology

  LT1121 Datasheet HTML 1Page - Linear Technology LT1121 Datasheet HTML 2Page - Linear Technology LT1121 Datasheet HTML 3Page - Linear Technology LT1121 Datasheet HTML 4Page - Linear Technology LT1121 Datasheet HTML 5Page - Linear Technology LT1121 Datasheet HTML 6Page - Linear Technology LT1121 Datasheet HTML 7Page - Linear Technology LT1121 Datasheet HTML 8Page - Linear Technology LT1121 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3013
3
3013fe
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
ILOAD = 250mA
l
4
4.75
V
ADJ Pin Voltage (Notes 2,3)
VIN = 4V, ILOAD = 1mA
4.75V < VIN < 80V, 1mA < ILOAD < 250mA
l
1.225
1.2
1.24
1.24
1.255
1.28
V
V
Line Regulation
ΔVIN = 4V to 80V, ILOAD = 1mA (Note 2)
l
0.1
5
mV
Load Regulation (Note 2)
VIN = 4.75V, ΔILOAD = 1mA to 250mA
VIN = 4.75V, ΔILOAD = 1mA to 250mA
l
712
25
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL) (Notes 4, 5)
ILOAD = 10mA
ILOAD = 10mA
l
160
230
300
mV
mV
ILOAD = 50mA
ILOAD = 50mA
l
250
340
420
mV
mV
ILOAD = 250mA
ILOAD = 250mA
l
400
490
620
mV
mV
GND Pin Current
VIN = 4.75V
(Notes 4, 6)
ILOAD = 0mA
ILOAD = 100mA
ILOAD = 250mA
l
l
65
3
10
120
18
μA
mA
mA
Output Voltage Noise
COUT = 10μF, ILOAD = 250mA, BW = 10Hz to 100kHz
100
μVRMS
ADJ Pin Bias Current
(Note 7 )
30
100
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.3
1.3
0.8
2V
V
SHDN Pin Current (Note 8)
VSHDN = 0V
VSHDN = 6V
0.3
0.1
2
1
μA
μA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
1
5
μA
PWRGD Trip Point
% of Nominal Output Voltage, Output Rising
l
85
90
94
%
PWRGD Trip Point Hysteresis
% of Nominal Output Voltage
1.1
%
PWRGD Output Low Voltage
IPWRGD = 50μA
l
140
250
mV
CT Pin Charging Current
3.0
6
μA
CT Pin Voltage Differential
VCT(PWRGD High) – VCT(PWRGD Low)
1.6
V
Ripple Rejection
VIN = 7V(Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz, ILOAD = 250mA
65
75
dB
Current Limit
VIN = 7V, VOUT = 0V
VIN = 4.75V, ΔVOUT = –0.1V (Note 2)
l
250
400
mA
mA
Reverse Output Current (Note 9)
VOUT = 1.24V, VIN < 1.24V (Note 2)
12
25
μA
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
(LT3013E, LT3013MP)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
ILOAD = 200mA
l
4
4.75
V
ADJ Pin Voltage (Notes 2,3)
VIN = 4V, ILOAD = 1mA
4.75V < VIN < 80V, 1mA < ILOAD < 200mA
l
1.225
1.2
1.24
1.24
1.255
1.28
V
V
Line Regulation
ΔVIN = 4V to 80V, ILOAD = 1mA (Note 2)
l
0.1
5
mV
Load Regulation (Note 2)
VIN = 4.75V, ΔILOAD = 1mA to 200mA
VIN = 4.75V, ΔILOAD = 1mA to 200mA
l
612
30
mV
mV
ELECTRICAL CHARACTERISTICS
The
l denotes the specifications which apply over the –40°C to 140°C operating temperature range, otherwise specifications are at TJ = 25°C.
(LT3013H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com