Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1963
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1963 Datasheet HTML 4Page - Linear Technology LT1963 Datasheet HTML 5Page - Linear Technology LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3029
8
3029fa
FREQUENCY (kHz)
0.01
0.1
10
3029 G25
1
VOUT = 5V
VOUT = VADJ
TJ = 25°C
COUT = 10μF
CBYP = 0
IL = 500mA
0.01
1
10
100
0.1
FREQUENCY (kHz)
0.01
1
10
100
3029 G26
0.1
10
1
0.1
0.01
VOUT = 5V
VOUT =VADJ
TJ = 25°C
COUT = 10μF
IL = 500mA
CBYP =
100pF
CBYP = 0.01μF
CBYP = 1000pF
CBYP (pF)
10
80
100
120
160
140
100
1000
10000
3029 G27
60
40
20
0
VOUT = 5V
VOUT = 1.215V
TJ = 25°C
COUT = 10μF
IL = 500mA
fBW = 10Hz TO 100kHz
Channel-to-Channel Isolation
Load Regulation
TYPICAL PERFORMANCE CHARACTERISTICS
Output Noise Spectral Density
Output Noise Spectral Density
RMS Output Noise
vs Bypass Capacitor
RMS Output Noise
vs Load Current
TEMPERATURE (°C)
3029 G24
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
–75 –50 –25 0
25 50 75 100 125 150 175
ΔIL = 1mA TO 500mA
LOAD CURRENT (mA)
0.01
160
140
120
100
80
60
40
20
0
0.1
1
100
10
3029 G28
VOUT = 5V
VOUT =VADJ
VOUT = 5V
VOUT =VADJ
TJ = 25°C
COUT = 10μF
CBYP = 0
CBYP = 10nF
50μs/DIV
VOUT1
50mV/DIV
VOUT2
50mV/DIV
3029 G23
COUT1 = 10μF
COUT2 = 10μF
CBYP1 = CBYP2 = 0.01μF
ΔIL1 = 50mA TO 500mA
ΔIL2 = 50mA TO 500mA
VIN = 6V, VOUT1 = VOUT2 = 5V
TJ = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com