Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1963
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology LT1963 Datasheet HTML 13Page - Linear Technology LT1963 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3029
10
3029fa
200μs/DIV
200mV/DIV
250mA/DIV
VOUT DEVIATION
LOAD CURRENT DEVIATION
3029 G33
VIN = 6V
CIN = 10μF
COUT = 10μF
IL = 100mA
TJ = 25°C
VOUT = 5V
20μs/DIV
50mV/DIV
250mA/DIV
VOUT DEVIATION
LOAD CURRENT DEVIATION
3029 G34
VIN = 6V
CIN = 10μF
COUT = 10μF
IL = 100mA
TJ = 25°C
VOUT = 5V
1ms/DIV
VOUT
1V/DIV
SHDN
VOLTAGE
2V/DIV
3029 G35
VIN = 2.5V
COUT = 10μF
RL = 3Ω
IL = 500mA
VOUT = 1.5V
1ms/DIV
VOUT
1V/DIV
SHDN
VOLTAGE
2V/DIV
3029 G36
VIN = 2.5V
COUT = 10μF
RL = 3Ω
IL = 500mA
VOUT = 1.5V
TYPICAL PERFORMANCE CHARACTERISTICS
Transient Response, CBYP = 0pF
Transient Response, CBYP = 0.01μF
Start-Up Time from Shutdown,
CBYP = 0pF
Start-Up Time from Shutdown,
CBYP = 0.01μF
TJ = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com