Electronic Components Datasheet Search
  English  ▼

X  

IR3894MPBF Datasheet(PDF) 35 Page - International Rectifier

Part # IR3894MPBF
Description  12A HIGHLY INTERGRATED SUPLRBUCK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3894MPBF Datasheet(HTML) 35 Page - International Rectifier

Back Button IR3894MPBF Datasheet HTML 31Page - International Rectifier IR3894MPBF Datasheet HTML 32Page - International Rectifier IR3894MPBF Datasheet HTML 33Page - International Rectifier IR3894MPBF Datasheet HTML 34Page - International Rectifier IR3894MPBF Datasheet HTML 35Page - International Rectifier IR3894MPBF Datasheet HTML 36Page - International Rectifier IR3894MPBF Datasheet HTML 37Page - International Rectifier IR3894MPBF Datasheet HTML 38Page - International Rectifier IR3894MPBF Datasheet HTML 39Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
- 35 -`
AUGUST 08, 2012 | DATA SHEET |    Rev 3.1
35
IR3894 
12A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97745
TYPICAL OPERATING WAVEFORMS 
Vin = 12V, Vo = 1.2V, Iout = 0‐12A, Room Temperature, No Air Flow  
 
 
 
 
 
  
 
 
 
 
 
 
 
Figure 36: Turn on at No Load showing Vcc level        
 
Figure 37: Turn on at No Load showing Vcc level 
Ch1‐Vout, Ch2‐Vin,Ch3‐Vcc,Ch4‐Inductor current                        
Ch1‐Vout, Ch2‐Vin,Ch3‐Vcc,Ch4‐Inductor current 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Figure 38: Transient Response, 6A to 12A step at 2.5A/uSec slew rate,  
Ch1:Vout, Ch4‐Iout (5A/Div) 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com