Electronic Components Datasheet Search
  English  ▼

X  

IR3894MPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3894MPBF
Description  12A HIGHLY INTERGRATED SUPLRBUCK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3894MPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3894MPBF Datasheet HTML 3Page - International Rectifier IR3894MPBF Datasheet HTML 4Page - International Rectifier IR3894MPBF Datasheet HTML 5Page - International Rectifier IR3894MPBF Datasheet HTML 6Page - International Rectifier IR3894MPBF Datasheet HTML 7Page - International Rectifier IR3894MPBF Datasheet HTML 8Page - International Rectifier IR3894MPBF Datasheet HTML 9Page - International Rectifier IR3894MPBF Datasheet HTML 10Page - International Rectifier IR3894MPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
- 7 -`
AUGUST 08, 2012 | DATA SHEET |    Rev 3.1
7
IR3894 
12A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97745
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Zero‐crossing Comparator Offset 
Vos_zc 
Note 4 ‐4 
0 
4 
mV 
Oscillator 
Rt Voltage 
Vrt   
  
1.0  
  
V 
Frequency Range 
Fs 
Rt = 80.6K 
270 
300 
330 
kHz 
Rt = 39.2K 
540 
600 
660 
Rt = 15.0K 
1350 
1500 
1650 
Ramp Amplitude 
Vramp 
Vin = 6.8V, Vin slew rate max = 
1V/µs, Note 4 
 
1.02  
Vp‐p 
Vin = 12V, Vin slew rate max = 
1V/µs, Note 4 
 
1.80  
Vin = 21V, Vin slew rate max = 
1V/µs, Note 4 
 
3.15  
Vcc=Vin=5V, For external Vcc 
operation,Note 4 
 
0.75  
Ramp Offset 
Ramp(os) 
Note 4  
0.16  
V 
Min Pulse Width 
Tmin(ctrl) 
Note 4  
 
60 
ns 
Max Duty Cycle 
Dmax 
Fs = 300kHz, PVin = Vin = 12V 
86  
 
% 
Fixed Off Time 
Toff 
Note 4  
200 
250 
ns 
Sync Frequency Range 
Fsync  
270  
1650 
kHz 
Sync Pulse Duration 
Tsync  
100 
200  
ns 
Sync Level Threshold 
High  
 
3  
 
V 
Low  
 
 
0.6 
Error Amplifier 
Input Offset Voltage 
Vos_Vref 
VFb – Vref, Vref = 0.5V ‐1.5   
+1.5 
% 
Vos_Vp 
VFb – Vp, Vp = 0.5V,Vref=0 ‐1.5  
+1.5 
Input Bias Current 
IFb(E/A)  
‐1  
+1 
µA 
Input Bias Current 
IVp(E/A)  
0  
+4 
Sink Current 
Isink(E/A)  
0.4 
0.85 
1.2 
mA 
Source Current 
Isource(E/A)  
4 
7.5 
11 
mA 
Slew Rate 
SR 
Note 4 
7 
12 
20 
V/µs 
Gain‐Bandwidth Product 
GBWP 
Note 4 
20 
30 
40 
MHz 
DC Gain 
Gain 
Note 4 
100 
110 
120 
dB 
Maximum output Voltage 
Vmax(E/A)  
1.7 
2.0 
2.3 
V 
Minimum output Voltage 
Vmin(E/A)  
 
 
100 
mV 
Common Mode input Voltage 
 
 
0  
1.2 
V 
Reference Voltage 
Feedback Voltage 
Vfb 
Vref and Vp pin floating  
0.5   
V 
Accuracy  
0°C < Tj < 70°C ‐0.5  
+0.5 
% 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com