Electronic Components Datasheet Search
  English  ▼

X  

LT1963A Datasheet(PDF) 2 Page - Linear Technology

Part # LT1963A
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963A Datasheet(HTML) 2 Page - Linear Technology

  LT1963A Datasheet HTML 1Page - Linear Technology LT1963A Datasheet HTML 2Page - Linear Technology LT1963A Datasheet HTML 3Page - Linear Technology LT1963A Datasheet HTML 4Page - Linear Technology LT1963A Datasheet HTML 5Page - Linear Technology LT1963A Datasheet HTML 6Page - Linear Technology LT1963A Datasheet HTML 7Page - Linear Technology LT1963A Datasheet HTML 8Page - Linear Technology LT1963A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3013
2
3013fe
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage .........................................................±80V
OUT Pin Voltage......................................................±60V
IN to OUT Differential Voltage .................................±80V
ADJ Pin Voltage ....................................................... ±7V
SHDN Pin Input Voltage..........................................±80V
CT Pin Voltage .................................................7V, –0.5V
PWRGD Pin Voltage .......................................80V, –0.5V
Output Short-Circuit Duration .......................... Indefinite
(Note 1)
Storage Temperature Range
TSSOP Package .................................–65°C to 150°C
DFN Package......................................–65°C to 125°C
Operating Junction Temperature Range
(Notes 3, 10, 11)
LT3013E.............................................–40°C to 125°C
LT3013HFE.........................................–40°C to 140°C
LT3013MP..........................................–55°C to 125°C
Lead Temperature (FE16 Soldering, 10 sec) ......... 300°C
12
11
10
9
8
7
13
1
2
3
4
5
6
NC
IN
IN
NC
SHDN
CT
NC
OUT
OUT
ADJ
GND
PWRGD
TOP VIEW
DE PACKAGE
12-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 40°C/W, θJC = 16°C/W
EXPOSED PAD (PIN 13) IS GND
MUST BE SOLDERED TO PCB
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
17
GND
NC
OUT
OUT
ADJ
GND
PWRGD
GND
GND
NC
IN
IN
NC
SHDN
CT
GND
TJMAX = 140°C, θJA = 40°C/W, θJC = 16°C/W
EXPOSED PAD (PIN 17) IS GND
MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3013EDE#PBF
LT3013EDE#TRPBF
3013
12-Lead (4mm x 3mm) Plastic DFN
–40°C to 125°C
LT3013EFE#PBF
LT3013EFE#TRPBF
3013EFE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3013HFE#PBF
LT3013HFE#TRPBF
3013HFE
16-Lead Plastic TSSOP
–40°C to 140°C
LT3013MPFE#PBF
LT3013MPFE#TRPBF
3013MPFE
16-Lead Plastic TSSOP
–55°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3013EDE
LT3013EDE#TR
3013
12-Lead (4mm x 3mm) Plastic DFN
–40°C to 125°C
LT3013EFE
LT3013EFE#TR
3013EFE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3013HFE
LT3013HFE#TR
3013HFE
16-Lead Plastic TSSOP
–40°C to 140°C
LT3013MPFE
LT3013MPFE#TR
3013MPFE
16-Lead Plastic TSSOP
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com