Electronic Components Datasheet Search
  English  ▼

X  

LT1963A Datasheet(PDF) 6 Page - Linear Technology

Part # LT1963A
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963A Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1963A Datasheet HTML 2Page - Linear Technology LT1963A Datasheet HTML 3Page - Linear Technology LT1963A Datasheet HTML 4Page - Linear Technology LT1963A Datasheet HTML 5Page - Linear Technology LT1963A Datasheet HTML 6Page - Linear Technology LT1963A Datasheet HTML 7Page - Linear Technology LT1963A Datasheet HTML 8Page - Linear Technology LT1963A Datasheet HTML 9Page - Linear Technology LT1963A Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3013
6
3013fe
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (mA)
0
6
8
10
3013 G09
4
2
5
7
9
3
1
0
100
50
200
150
250
VIN = 4.75V
TJ = 25°C
GND Pin Current vs ILOAD
INPUT VOLTAGE (V)
0
40
60
80
8
3013 G06
20
10
30
50
70
0
2
1
4
3
67
9
5
10
TJ = 25°C
RL = ∞
VSHDN = VIN
VSHDN = GND
INPUT VOLTAGE (V)
0
150
200
250
80
3013 G06b
100
50
125
175
225
75
25
0
20
10
40
30
60
70
50
TJ = 25°C
RL =
∞
VOUT = 1.24V
VSHDN = VIN
VSHDN = GND
INPUT VOLTAGE (V)
0
1.2
8
3013 G07
0.8
0.4
1.0
0.6
0.2
0
2
1
4
3
67
9
5
10
TJ = 25°C
*FOR VOUT = 1.24V
RL = 49.6Ω
IL = 25mA*
RL = 124Ω
IL = 10mA*
RL = 1.24k
IL = 1mA*
INPUT VOLTAGE (V)
0
6
8
10
8
3013 G08
4
2
5
7
9
3
1
0
2
1
4
3
67
9
5
10
TJ = 25°C, *FOR VOUT = 1.24V
RL = 4.96Ω
IL = 250mA*
RL = 12.4Ω
IL = 100mA*
RL = 24.8Ω, IL = 50mA*
GND Pin Current
GND Pin Current
Quiescent Current
Quiescent Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com