Electronic Components Datasheet Search
  English  ▼

X  

LT3012 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3012
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3012 Datasheet HTML 4Page - Linear Technology LT3012 Datasheet HTML 5Page - Linear Technology LT3012 Datasheet HTML 6Page - Linear Technology LT3012 Datasheet HTML 7Page - Linear Technology LT3012 Datasheet HTML 8Page - Linear Technology LT3012 Datasheet HTML 9Page - Linear Technology LT3012 Datasheet HTML 10Page - Linear Technology LT3012 Datasheet HTML 11Page - Linear Technology LT3012 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3013
8
3013fe
INPUT VOLTAGE (V)
0
600
800
1000
3013 G14
400
200
500
700
900
300
100
0
20
10
40
30
60
70
50
80
TJ = 25°C
TJ = 125°C
VOUT = 0V
TEMPERATURE (°C)
0
3013 G15
600
400
200
500
700
300
100
–50
0
50
75
–25
25
100
150
125
VIN = 7V
VOUT = 0V
Current Limit
Current Limit
–50
0
50
75
–25
25
100
150
125
TEMPERATURE (°C)
3.5
3013 G27
1.5
1.0
0.5
0
4.0
3.0
2.5
2.0
PWRGD TRIPPED HIGH
–50
0
50
75
–25
25
100
150
125
TEMPERATURE (°C)
180
3013 G26
100
80
20
40
60
0
200
160
140
120
IPWRGD = 50μA
–50
0
50
75
–25
25
100
150
125
TEMPERATURE (°C)
1.8
3013 G28
1.0
0.8
0.2
0.4
0.6
0
2.0
1.6
1.4
1.2
VCT (LOW)
VCT (HIGH)
CT Comparator Thresholds
PWRGD Output Low Voltage
CT Charging Current
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com