Electronic Components Datasheet Search
  English  ▼

X  

LT3012 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3012
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3012 Datasheet HTML 5Page - Linear Technology LT3012 Datasheet HTML 6Page - Linear Technology LT3012 Datasheet HTML 7Page - Linear Technology LT3012 Datasheet HTML 8Page - Linear Technology LT3012 Datasheet HTML 9Page - Linear Technology LT3012 Datasheet HTML 10Page - Linear Technology LT3012 Datasheet HTML 11Page - Linear Technology LT3012 Datasheet HTML 12Page - Linear Technology LT3012 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3013
9
3013fe
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT VOLTAGE (V)
0
120
160
200
8
3013 G16
80
40
100
140
180
60
20
0
2
1
4
3
67
9
5
10
TJ = 25°C
VIN = 0V
VOUT = VADJ
CURRENT FLOWS
INTO OUTPUT PIN
ADJ
PIN CLAMP
(SEE APPLICATIONS
INFORMATION)
TEMPERATURE (°C)
4.0
3013 G20
2.0
1.0
0.5
0
5.0
3.5
4.5
3.0
2.5
1.5
–50
0
50
75
–25
25
100
150
125
ILOAD = 250mA
FREQUENCY (Hz)
10
40
50
60
70
80
100
1k
10k
100k
1M
3013 G19
30
20
10
0
90
100
VIN = 4.75V + 50mVRMS RIPPLE
ILOAD = 250mA
COUT = 10μF
COUT = 3.3μF
TEMPERATURE (°C)
60
68
92
80
84
88
3013 G18
64
76
72
–50
0
50
75
–25
25
100
150
125
VIN = 4.75V + 0.5VP-P RIPPLE AT f = 120Hz
IL = 250mA
VOUT = 1.24V
TEMPERATURE (°C)
3013 G17
–50
0
50
75
–25
25
100
150
125
VIN = 0V
VOUT = VADJ = 1.24V
100
80
20
40
60
0
120
Reverse Output Current
Reverse Output Current
Input Ripple Rejection
Input Ripple Rejection
Minimum Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com