Electronic Components Datasheet Search
  English  ▼

X  

CXD2498R Datasheet(PDF) 21 Page - Sony Corporation

Part # CXD2498R
Description  Timing Generator for Frame Readout CCD Image Sensor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2498R Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXD2498R Datasheet HTML 17Page - Sony Corporation CXD2498R Datasheet HTML 18Page - Sony Corporation CXD2498R Datasheet HTML 19Page - Sony Corporation CXD2498R Datasheet HTML 20Page - Sony Corporation CXD2498R Datasheet HTML 21Page - Sony Corporation CXD2498R Datasheet HTML 22Page - Sony Corporation CXD2498R Datasheet HTML 23Page - Sony Corporation CXD2498R Datasheet HTML 24Page - Sony Corporation CXD2498R Datasheet HTML 25Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
– 21 –
CXD2498R
Further, SPL can be used during this mode to specify the SUB output at the desired vertical period during the
low-speed shutter period.
In the case below, SUB is output based on SHD at the SPL vertical period out of (SVD + 1) vertical periods.
Incidentally, SPL is counted as “000h”, “001h”, “002h” and so on in conformance with SVD.
Using this function it is possible to achieve smooth exposure time transitions when changing from low-speed
shutter to high-speed shutter or vice-versa.
11
001h
000h
10Fh
0A3h
SHD
VD
V1A
SUB
WEN
EXP
SMD
SVD
002
001
SPL
000
SPL
SHD
Exposure time
002h
000h
SVD
11
002h
000h
10Fh
050h
SHD
VD
V1A
SUB
WEN
EXP
SMD
SVD
SVD
SHD
Exposure time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com