Electronic Components Datasheet Search
  English  ▼

X  

CXD2498R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2498R
Description  Timing Generator for Frame Readout CCD Image Sensor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2498R Datasheet(HTML) 5 Page - Sony Corporation

  CXD2498R Datasheet HTML 1Page - Sony Corporation CXD2498R Datasheet HTML 2Page - Sony Corporation CXD2498R Datasheet HTML 3Page - Sony Corporation CXD2498R Datasheet HTML 4Page - Sony Corporation CXD2498R Datasheet HTML 5Page - Sony Corporation CXD2498R Datasheet HTML 6Page - Sony Corporation CXD2498R Datasheet HTML 7Page - Sony Corporation CXD2498R Datasheet HTML 8Page - Sony Corporation CXD2498R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
– 5 –
CXD2498R
Pin
No.
Symbol
I/O
Description
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
SCK
SEN
VD
HD
VSS5
VM
V2
V4
V1A
VH
V1B
V1C
V3A
VL
V3B
V3C
SUB
I
I
I/O
I/O
—
—
O
O
O
—
O
O
O
—
O
O
O
Serial interface clock input for internal mode settings.
Schmitt trigger input
Serial interface strobe input for internal mode settings.
Schmitt trigger input
Vertical sync signal input/output.
Horizontal sync signal input/output.
GND
GND (GND for vertical driver)
CCD vertical register clock output.
CCD vertical register clock output.
CCD vertical register clock output.
15.0V power supply. (Power supply for vertical driver)
CCD vertical register clock output.
CCD vertical register clock output.
CCD vertical register clock output.
–7.5V power supply. (Power supply for vertical driver)
CCD vertical register clock output.
CCD vertical register clock output.
CCD electronic shutter pulse output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com