Electronic Components Datasheet Search
  English  ▼

X  

U1C Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # U1C
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

U1C Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  U1C Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd U1C Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
U1B THRU U1D
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
Surface Mount Ultrafast Plastic Rectifier
U1B
THRU U1D
100V-200V
1.0A
Figure 1. Forward Derating Curve
80
1.2
TM - Mount Temperature (°C)
0
0.4
90
120
150
0.8
0.6
0.2
100
110
140
1.0
130
Figure 2. Forward Power Loss Characteristics
0
Average Forward Current (A)
0
0.4
0.2
0.8
1.2
0.8
0.6
0.2
0.4
0.6
1.0
1.0
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = 0.2
D = 0.1
D = t
p/T
t
p
T
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
0.1
10
Instantaneous Forward Voltage (V)
0.01
0.1
0.3
0.9
1.3
T
A = 150 °C
1
0.5
0.7
1.1
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C
T
A = 150 °C
10
10
1000
Percent of Rated Peak Reverse Voltage (%)
1
0.1
0.01
100
20
30
40
50
60
70
80
90
100
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
0.1
10
Reverse Voltage (V)
1
1
10
100
T
J = 25 °C
f = 1.0 MHz
V
stg = 50 mVp-p
0.001
10
100
t - Pulse Duration (s)
1
0.01
0.1
1
10
100
Junction to Ambient



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com