Electronic Components Datasheet Search
  English  ▼

X  

TPD1045F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPD1045F
Description  Low-Side Power Switch for Motor, Solenoid and Lamp Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1045F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPD1045F Datasheet HTML 1Page - Toshiba Semiconductor TPD1045F Datasheet HTML 2Page - Toshiba Semiconductor TPD1045F Datasheet HTML 3Page - Toshiba Semiconductor TPD1045F Datasheet HTML 4Page - Toshiba Semiconductor TPD1045F Datasheet HTML 5Page - Toshiba Semiconductor TPD1045F Datasheet HTML 6Page - Toshiba Semiconductor TPD1045F Datasheet HTML 7Page - Toshiba Semiconductor TPD1045F Datasheet HTML 8Page - Toshiba Semiconductor TPD1045F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TPD1045F
2006-10-31
4
Electrical Characteristics
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ
Max
Unit
Tch = 25°C
50
58
-
Drain to Source clamp voltage
V (CL) DSS
-
Tch = -40~125°C
VIN = 0 V,
ID = 10 mA
50
-
-
V
Tch = 25°C
1.0
1.5
2.8
Input threshold voltage
Vth
-
Tch = -40~125°C
VDS = 12 V,
ID = 10 mA
0.8
-
3.0
V
Protective circuit operation input
voltage range
VIN (opr)
-
Tch = -40~125°C
-
4
-
7
V
Tch = 25°C
-
-
10
Drain cut-off current
IDSS
-
Tch = -40~125°C
VIN = 0 V,
VDS = 12 V
-
-
30
μ
A
Tch = 25°C
-
300
750
IIH (1)
-
Tch = -40~125°C
VIN = 5 V,
at normal
operation
-
-
750
High level input current
IIH (2)
-
Tch = -40~125°C
VIN = 5 V,
when protective
circuit is
actuated
-
-
1200
μ
A
Tch = 25°C
-
70
100
Drain to Source on resistance
RDS (ON)
-
Tch = -40~125°C
VIN = 5 V,
ID = 2 A
-
-
150
mΩ
Load-short tolerance
VDS
-
Tch = -40~125°C VIN = 4~7 V
18
-
-
V
temperature
detection
TOT(1)
-
150
170
200
°C
Over
temperature
detection
temperature
recovery
TOT(2)
-
-
VIN = 5 V
125
160
-
℃
Tch = 25°C
5
10
-
Over current detection
IOC
-
Tch = -40~125°C
VIN = 5 V
5
-
-
A
Tch = 25°C
-
25
100
ton
Tch = -40~125°C
-
-
100
Tch = 25°C
-
30
100
Switching time
toff
1
Tch = -40~125°C
VDD = 12 V,
VIN = 0 V/5 V,
RL = 10Ω
-
-
100
μ
s
Drain to Source diode forward
voltage
VDSF
-
Tch = 25°C
VIN = 0 V,
IF = 5 A
-
-
1.8
V
Test Circuit 1
Switching time measuring circuit
Test circuit
Measured waveforms
V
VDD=12V
RL=10Ω
P.G.
TPD1045F
VDS
VIN
DRAIN
IN
SOURCE
12 V
5 V
toff
ton
90%
90%
10%
10%
VDS
VIN
tr ≦ 0.1μs
90%
10%
tf ≦ 0.1μs
0 V
0 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com