Electronic Components Datasheet Search
  English  ▼

X  

TPD1045F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TPD1045F
Description  Low-Side Power Switch for Motor, Solenoid and Lamp Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1045F Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TPD1045F Datasheet HTML 1Page - Toshiba Semiconductor TPD1045F Datasheet HTML 2Page - Toshiba Semiconductor TPD1045F Datasheet HTML 3Page - Toshiba Semiconductor TPD1045F Datasheet HTML 4Page - Toshiba Semiconductor TPD1045F Datasheet HTML 5Page - Toshiba Semiconductor TPD1045F Datasheet HTML 6Page - Toshiba Semiconductor TPD1045F Datasheet HTML 7Page - Toshiba Semiconductor TPD1045F Datasheet HTML 8Page - Toshiba Semiconductor TPD1045F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TPD1045F
2006-10-31
7
rth(ch-a)-tw
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
パルス幅 tw (s)
(1)Mounted on glass epoxy board(a)
(2)Mounted on glass epoxy board(b)
Measuring single pulse,Ta=25℃
(1)
(2)
TOT-VIN
0
20
40
60
80
100
120
140
160
180
200
220
240
0
12
3
45
67
8
入力電圧 VIN (V)
VDD=12V
PD-Ta
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
120 140
160
周囲温度 Ta (℃)
(1)Mounted on glass epoxy board(a)
(2)Mounted on glass epoxy board(b)
(1)
(2)
TOT(1) – VIN
Input voltage VIN (V)
PD – Ta
Ambient temperature Ta (°C)
rth(ch-a) – tW
Pulse width tW (s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com