Electronic Components Datasheet Search
  English  ▼

X  

ALS30 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ALS30
Description  IEC 60384-4 Long Life Grade 40/85/56
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS30 Datasheet(HTML) 1 Page - Kemet Corporation

  ALS30 Datasheet HTML 1Page - Kemet Corporation ALS30 Datasheet HTML 2Page - Kemet Corporation ALS30 Datasheet HTML 3Page - Kemet Corporation ALS30 Datasheet HTML 4Page - Kemet Corporation ALS30 Datasheet HTML 5Page - Kemet Corporation ALS30 Datasheet HTML 6Page - Kemet Corporation ALS30 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RoHS
Compliant
ALS30 Series 85°C
• compact size
• long life, 20000 hours at 85°c (ur, ir applied)
• high ripple current
• Excellent surge voltage capability
• optimized designs available on request
aPPlication
basic dEsign
Smoothing, energy storage, or pulse opera-
tion in telecommunication demanding
power supplies, process control, AC-motor
control, traction, welding and measuring.
standards
IEC 60384-4 Long Life Grade 40/85/56,
capacitance range
100 – 680000 µF
capacitance tolerance
–20 to +20%
rated voltage u
r
25–500 VDC
surge voltage u
s
1.15 x U
R (for UR < 250 VDC)
1.10 x U
R (for UR > 350 VDC)
surge voltage u
ss
(short duration)
leakage current i
l
= 0.006 x C
R x UR (µA) or 6mA whichever
is the smaller. Note, C
R is in µF.
operational life time
+85°c, u
r , ir
+85°c, u
r
shelf life
2000 hrs at 0V +85°C, or 30000 hrs at 0V +40°C
temperature range
–40 to +85°C (Operating) -55°C to +85°C (Storage)
The ALS30/31 series of screw terminal
capacitors cover a wide range of case
sizes and voltage ratings featuring high
ripple currents and long life performance.
They are ideally suited for industrial and
Can Diameter
36
11000 hrs
51
18000 hrs
66
19000 hrs
77, 90
20000 hrs
End of Life requirement:
ΔC/C
< ±10%
ESR
< 2 x initial ESR value
I
L
< initial specified limit
Can Diameter
36
22000 hrs
51
36000 hrs
66
38000 hrs
77, 90
40000 hrs
U
R
U
SS
200
350
250
400
350
500
400
520
415
530
450
550
500
600
Test Condition:
< 500ms surge, 100 cycles @ 20°C
Test Condition:
< 30s surge, 1000 cycles @ 85°C
Test Condition:
U
R, 5mins., 20°C
commercial applications demanding high
reliability and long life expectancy such as
frequency converters, UPS systems and
switch mode power supplies.
sPEcification


Similar Part No. - ALS30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS30 KEMET-ALS30 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
ALS300 ETC2-ALS300 Datasheet
240Kb / 66P
Media Audio Controller SPEC
logo
Mersen
ALS300 MERSEN-ALS300 Datasheet
383Kb / 2P
Forklift Truck Fuses
logo
Kemet Corporation
ALS30A101DA500 KEMET-ALS30A101DA500 Datasheet
74Kb / 1P
ALS30, Aluminum Electrolytic, 85C, 100 uF, 20%, 500 V, -40/85C
ALS30A102DE250 KEMET-ALS30A102DE250 Datasheet
74Kb / 1P
ALS30, Aluminum Electrolytic, 85C, 1000 uF, 20%, 250 V, -40/85C
More results

Similar Description - ALS30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC10 KEMET-ALC10 Datasheet
701Kb / 7P
IEC 60384-4 Long Life Grade 40/85/56,
ALC12 KEMET-ALC12 Datasheet
565Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
IEC 60384-4 Long Life Grade 40/105/56
ALC42 KEMET-ALC42 Datasheet
584Kb / 5P
IEC 60384-4 Long Life Grade 40/105/56
ALS32 KEMET-ALS32 Datasheet
483Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56
ALS34 KEMET-ALS34 Datasheet
606Kb / 8P
IEC 60384-4 Long Life Grade 40/85/56
ALS36 KEMET-ALS36 Datasheet
227Kb / 8P
IEC 60384-4 Long Life Grade 40/85/56
ALS40 KEMET-ALS40 Datasheet
309Kb / 6P
IEC 60384-4 Long Life Grade 40/105/56
ALS42 KEMET-ALS42 Datasheet
215Kb / 4P
IEC 60384-4 Long Life Grade 40/105/56
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com