Electronic Components Datasheet Search
  English  ▼

X  

ALS30 Datasheet(PDF) 2 Page - Kemet Corporation

Part # ALS30
Description  IEC 60384-4 Long Life Grade 40/85/56
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS30 Datasheet(HTML) 2 Page - Kemet Corporation

  ALS30 Datasheet HTML 1Page - Kemet Corporation ALS30 Datasheet HTML 2Page - Kemet Corporation ALS30 Datasheet HTML 3Page - Kemet Corporation ALS30 Datasheet HTML 4Page - Kemet Corporation ALS30 Datasheet HTML 5Page - Kemet Corporation ALS30 Datasheet HTML 6Page - Kemet Corporation ALS30 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
43
BHC and Evox Rifa Electrolytic Capacitors
case
d
l
lt*
s
t
v
m
h
mounting
wEight grams
terminal style
code ±1
±2
±1
±0.5
±0.5
mm thrEad ±1
cliP
nom.
a c g J
m r
DA
36
52
58.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
75
•
DB
36
62
67.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
90
•
DE
36
82
87.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
115
•
DF
36
105
111.5
12.8
7.14
8
M8
12
V3/H2/UTE2736
140
•
KE
51
82
86.5
22.2
5.5
13.7
M12
16
V4/UTE2737
220
•
KF
51
105
110.5
22.2
5.5
13.7
M12
16
V4/UTE2737
300
•
MF
66
105
110.5
28.5
5.5
15.8
M12
16
V10/UTE2738
505
•
•
ND
77
75
79.5
31.8
5.5
19
M12
16
V11
495
•
•
•
•
•
•
NF
77
105
110.5
31.8
5.5
19
M12
16
V11
690
•
•
•
•
•
•
NP
77
146
150.5
31.8
5.5
19
M12
16
V11
960
•
•
•
•
•
•
NT
77
220
224.5
31.8
5.5
19
M12
16
V11
1450
•
•
•
•
•
•
QC
90
67
71.5
31.8
5.5
25
M12
16
V90
615
•
•
•
QD
90
75
79.5
31.8
5.5
25
M12
16
V90
690
•
•
•
QH
90
98
103.5
31.8
5.5
25
M12
16
V90
900
•
•
•
QP
90
146
149.5
31.8
5.5
25
M12
16
V90
1345
•
•
•
QT
90
220
223.5
31.8
5.5
25
M12
16
V90
2000
•
•
•
ØD
Lt
L
H
M
Insulating Disk
T (measured
from deck
surface)
“+” SIGN
S
TD
V
Safety Vent
DT
Z
TD
V
DT
sPEcification
* Dimensions Lt will change dependant on terminal style.
dimensions table als30 (sleeved) mm
fig. 1
fig. 2
terminal styles a, r
terminal styles a (ø36mm only),
c, g, J, m
terminations
Aluminium inserts with M5 threads as standard, max. torque 2NM. Optional M6 threaded inserts have a max. torque 4NM. Max.
torque for stud mounting M8:4NM and M12:8NM.
als30 85°c
case Polarity
Due to the presence of electrolyte in the capacitor the aluminium can and stud mounting will essentially be at the same polarity as the
negative terminal. We recommend that the stud and can are insulated (see accessories for insulating nuts).
als30
clamp mounting
als31
stud mounting
terminals options
* preferred options in bold
term. thread
height
dia. - dt thread depth
drawing
style
t - mm
mm
td - mm
±0.5
±0.5
minimum
a*
m5
5.5
13
10
fig.1
Z=10mm
a*
m5
7.14
8
10
fig.2
ø36mm only
C
M6
5.5
13
10
Fig.2
G
M6
6.35
17
11.8
Fig.2
J
M6
3.17
17
8.8
Fig.2
M
M5
7.14
8
10
Fig.2
R
M5
5.5
15
10
Fig.1
Z=13mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com