Electronic Components Datasheet Search
  English  ▼

X  

ALS42 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ALS42
Description  IEC 60384-4 Long Life Grade 40/105/56
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS42 Datasheet(HTML) 1 Page - Kemet Corporation

  ALS42 Datasheet HTML 1Page - Kemet Corporation ALS42 Datasheet HTML 2Page - Kemet Corporation ALS42 Datasheet HTML 3Page - Kemet Corporation ALS42 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RoHS
Compliant
ALS42 Series 105°C
• CaseSizesandTerminalsfortheAsianMarket
• LongLife,9000hoursat105°C(Ur,Irapplied)
• Highripplecurrent
• Excellentsurgevoltagecapability
• Optimizeddesignsavailableonrequest
AppLICATIOn
BASICdESIgn
Smoothing, energy storage, or pulse opera-
tion in telecommunication demanding power
supplies, process control, AC-motor control,
traction and welding.
SpECIfICATIOn
Standards
IEC 60384-4 Long Life Grade 40/105/56,
Capacitancerange
1000 – 15000 µF
Capacitancetolerance
–20 to +20%
RatedvoltageU
R
350 – 450 VDC
SurgevoltageU
S
1.10 x U
R (for UR > 350 VDC)
SurgevoltageU
SS
U
R
U
SS
(Shortduration)
350
500
400
520
415
530
450
550
LeakagecurrentI
L
= 0.003 x C
R x UR (µA) or 6mA whichever
is the smaller. Note, C
R is in µF.
Operationallifetime
+105°C,U
R,IR
Can Diameter
Can Diameter
36
6000 hrs
51
7000 hrs
63.5
8000 hrs
77, 90
9000 hrs
+105°C,U
R
Can Diameter
36
10000 hrs
51
11000 hrs
63.5
13000 hrs
77, 90
15000 hrs
ShelfLife
2000 hrs at 0V +85°C, or 30000 hrs at 0V +40°C
Temperaturerange
–40 to +105°C (Operating) -55°C to +105°C (Storage)
Test Condition:
< 30s surge, 1000 cycles @ 105°C
Test Condition:
< 500ms surge, 100 cycles @ 20°C
Test Condition:
U
R, 5mins., 20°C
End of Life requirement:
∆C/C
< ±10%
ESR
< 2 x initial ESR value
I
L
< initial specified limit
The ALS42/43 series of screw terminal
capacitors feature the same high ripple
currents and long life characteristics as the
ALS32/33 series but can operate at higher
temperatures. They are similarly suited for
high reliability and long life applications
such as frequency converters, UPS
systems and switch mode power supplies,
but the extended temperature range
allows increased ripple currents at lower
temperatures.


Similar Part No. - ALS42

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS40 KEMET-ALS40 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
ALS40 KEMET-ALS40 Datasheet
309Kb / 6P
IEC 60384-4 Long Life Grade 40/105/56
logo
Mersen
ALS400 MERSEN-ALS400 Datasheet
383Kb / 2P
Forklift Truck Fuses
logo
Kemet Corporation
ALS40A103KF100 KEMET-ALS40A103KF100 Datasheet
74Kb / 1P
ALS40, Aluminum Electrolytic, 105C, 0.01 F, 20%, 100 V, -40/105C
ALS40A104KF025 KEMET-ALS40A104KF025 Datasheet
75Kb / 1P
ALS40, Aluminum Electrolytic, 105C, 0.1 F, 20%, 25 V, -40/105C
More results

Similar Description - ALS42

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC10 KEMET-ALC10 Datasheet
701Kb / 7P
IEC 60384-4 Long Life Grade 40/85/56,
ALC12 KEMET-ALC12 Datasheet
565Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
IEC 60384-4 Long Life Grade 40/105/56
ALC42 KEMET-ALC42 Datasheet
584Kb / 5P
IEC 60384-4 Long Life Grade 40/105/56
ALS30 KEMET-ALS30 Datasheet
496Kb / 7P
IEC 60384-4 Long Life Grade 40/85/56
ALS32 KEMET-ALS32 Datasheet
483Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56
ALS34 KEMET-ALS34 Datasheet
606Kb / 8P
IEC 60384-4 Long Life Grade 40/85/56
ALS36 KEMET-ALS36 Datasheet
227Kb / 8P
IEC 60384-4 Long Life Grade 40/85/56
ALS40 KEMET-ALS40 Datasheet
309Kb / 6P
IEC 60384-4 Long Life Grade 40/105/56
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com