Electronic Components Datasheet Search
  English  ▼

X  

ALS42 Datasheet(PDF) 4 Page - Kemet Corporation

Part # ALS42
Description  IEC 60384-4 Long Life Grade 40/105/56
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS42 Datasheet(HTML) 4 Page - Kemet Corporation

  ALS42 Datasheet HTML 1Page - Kemet Corporation ALS42 Datasheet HTML 2Page - Kemet Corporation ALS42 Datasheet HTML 3Page - Kemet Corporation ALS42 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
85
BHC and Evox Rifa Electrolytic Capacitors
ALS42105°C
ARTICLETABLEALS42(105°C)
Cap
(µf)
nominalCaseSize
mm
dxL
ESR(m
W)
at25°C
Ripplecurrent(A)
at105°C
Typenumber
120Hz
20kHz
120Hz
20kHz
450VdC(U
R)
1000
51 x 93
89
54
5.8
11.2
ALS42A102K3L450
1200
51 x 115
73
44
6.8
13.4
ALS42A122KJA450
1500
51 x 131
60
37
7.8
14.8
ALS42A152K5C450
1800
63.5 x 93
51
31
9.0
16.4
ALS42A182L3L450
2200
63.5 x 115
42
26
10.5
18.9
ALS42A222LJA450
2700
63.5 x 131
34
21
12.2
21.5
ALS42A272L5C450
2700
77 x 115
36
23
12.3
20.3
ALS42A272NJA450
3300
63.5 x 150
30
20
13.2
22.1
ALS42A332L5R450
3300
77 x 131
31
20
14.0
21.4
ALS42A332N5C450
3900
63.5 x 194
25
16
14.2
23.3
ALS42A392L7L450
4700
77 x 150
25
17
15.8
22.2
ALS42A472N5R450
5600
77 x 194
19
13
19.5
28.3
ALS42A562N7L450
5600
90 x 150
20
14
19.8
28.8
ALS42A562Q5R450
6800
90 x 194
16
11
24.3
36.2
ALS42A682Q7L450
8200
90 x 194
14
10
25.4
35.7
ALS42A822Q7L450
10000
90 x 220
12
9
30.4
41.2
ALS42A103Q8L450
MECHAnICALdATA
Mountingposition
The capacitor can be mounted in any
position so long as the safety vent can
operate. It is possible for some electrolyte
to be expelled. As this is a conducting liquid,
suitable precautions should be instigated
by the system designer to avoid secondary
short circuits.
The capacitors are designed to be mounted
in free air and are not suitable for submersion
in liquid.
Vibration
10Hz to 55Hz at 0.75mm or 10g for 3x2hrs
duration. Except 220mm long cans 10Hz
to 55Hz at 0.35mm or 5g for 3x0.5hrs
duration.
Insulatingresistance
> 100 Mohms at 100V d.c., across insulating
sleeve.
Voltageproof
> 2500V d.c., across insulating sleeve.
Safetyvent
A safety vent for over pressure is featured on
terminal deck. This is in the form of a rubber
plug designed to relieve build up of internal
pressure due to over stress or catastrophic
failure.
OpERATIOnALdATA
The failure rate is derived from our periodic
test results. The failure rate (
λ
R) is therefore
only given at test temperature for life tests.
An estimation is also given at 40°C. The
expected failure rate for this capacitor range
is based on our periodic test results for
capacitors with structural similarity. Failure
rate is frequently quoted in FIT (Failures In
Time) where 1 FIT = 1 x 10-9 failures per hour.
Failure rates include both catastrophic and
parametric failures
T
a
Failure rate per hour
85°C
220 FIT
40°C
10 FIT
RELIABILITy
OperationalLifetime
Please see separate BHC application
notes TD003 for calculating operational
life expectancy under customer specific
conditions.
MountingStyle2=plainor3=stud
TerminationStyleA,C
* *



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com