Electronic Components Datasheet Search
  English  ▼

X  

VSSC520S Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # VSSC520S
Description  Surface Mount Trench MOS Barrier Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

VSSC520S Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  VSSC520S Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd VSSC520S Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200V
5.0A
VSSC520S
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mechanical Data
Surface Mount Trench MOS Barrier Schottky Rectifier
• Low profile package
• Ideal for automated placement
• Trench MOS Schottky technology
• Low power losses, high efficiency
• Low forward voltage drop
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
Case: DO-214AB (SMC)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free
and
RoHS
compliant,
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSSC520S
UNIT
Device marking code
V5D
Maximum repetitive peak reverse voltage
VRRM
200
V
Maximum DC forward current
IF (1)
5.0
A
IF (2)
2.2
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C
Notes
(1)
Free air, mounted on recommended PCB 1 oz. pad area; thermal resistance RJA - junction to ambient
(2)
Units mounted on PCB with 25 mm x 25 mm copper pad areas; thermal resistance RJM - junction to mount
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 5.0 A
TA = 25 °C
VF (1)
1.19
1.70
V
TA = 125 °C
0.67
0.75
Reverse current per diode
VR = 180 V
TA = 25 °C
IR (2)
2.0
-
μA
TA = 125 °C
2.0
-
mA
VR = 200 V
TA = 25 °C
4
200
μA
TA = 125 °C
3.2
25
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
280
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSSC520S
UNIT
Typical thermal resistance
RJA (1)
95
°C/W
RJM (2)
9


Similar Part No. - VSSC520S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSSC520S VISHAY-VSSC520S Datasheet
86Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
10-Nov-10
VSSC520S-M3 VISHAY-VSSC520S-M3 Datasheet
88Kb / 4P
Ideal for automated placement
28-Nov-13
VSSC520S-M3 VISHAY-VSSC520S-M3 Datasheet
94Kb / 4P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
09-Mar-2021
VSSC520S-M3-57T VISHAY-VSSC520S-M3-57T Datasheet
86Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
10-Nov-10
VSSC520S-M3-9AT VISHAY-VSSC520S-M3-9AT Datasheet
86Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
10-Nov-10
More results

Similar Description - VSSC520S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V3P6 VISHAY-V3P6 Datasheet
82Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
18-Oct-10
V3PAL45 VISHAY-V3PAL45 Datasheet
113Kb / 6P
Surface Mount Trench MOS Barrier Schottky Rectifier
30-Jul-13
V4PAN50 VISHAY-V4PAN50_15 Datasheet
111Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
31-Jul-13
VSSB410S VISHAY-VSSB410S_15 Datasheet
83Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
05-Nov-13
VSSC8L45-M3 VISHAY-VSSC8L45-M3_15 Datasheet
81Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-Mar-14
VSSAF5M12 VISHAY-VSSAF5M12 Datasheet
109Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF510 VISHAY-VSSAF510 Datasheet
108Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF515 VISHAY-VSSAF515 Datasheet
108Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF510 VISHAY-VSSAF510_V01 Datasheet
109Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF512 VISHAY-VSSAF512_V01 Datasheet
109Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com