Electronic Components Datasheet Search
  English  ▼

X  

VSSC520S Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # VSSC520S
Description  Surface Mount Trench MOS Barrier Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

VSSC520S Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  VSSC520S Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd VSSC520S Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
VSSC520S
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
Surface Mount Trench MOS Barrier Schottky Rectifier
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
0
25
50
75
100
125
6
175
TM - Mount Temperature (°C)
1
0
T
M Measured at Terminal
2
4
3
5
150
0
5.5
0
4.5
Average Forward Current (A)
1.5
1.0
0.5
5.0
4.5
4.0
3.5
3.0
2.5
0.5
D = t
p/T
t
p
T
D = 0.1
D = 0.5
D = 0.8
D = 1.0
3.5
3.0
2.5
2.0
D = 0.3
D = 0.2
2.0
1.5
1.0
4
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
1
100
0
0.1
Instantaneous Forward Voltage (V)
T
A = 125 °C
T
A = 25 °C
T
A = 100 °C
T
A = 150 °C
10
0.2
0.4
0.6
0.8
1.0
1.2
1.6
1.4
10
20
40
60
0.0001
0.001
0.01
0.1
1
100
80
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 125 °C
T
A = 25 °C
T
A = 100 °C
T
A = 150 °C
30
50
70
90
10
100
10
10
100
1000
0.1
1
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
100
10
1
100
1000
0.01
1
t - Pulse Duration (s)
10
0.1
Junction to Ambient
200V
5.0A
VSSC520S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com