Electronic Components Datasheet Search
  English  ▼

X  

ZY110 Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # ZY110
Description  SILICON POWER ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

ZY110 Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  ZY110 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd ZY110 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd ZY110 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
V ZENER VOLTAGE (V)
Fig. 1 Zener Breakdown Characteristics
Z,
T = 25 °C
j
240
120
80
40
10
200
160
0
515
ZY 12
0
Test Current
50 mA
60
30
10
0
0
40
50
20
10
20
40
30
50
V ZENER VOLTAGE (V)
Fig. 2 Zener Breakdown Characteristics
Z,
ZY15
ZY18 ZY22
ZY27
ZY33
ZY39
ZY47
10 mA
Test Current
25 mA
T = 25°C
j
0
100
200
See Note 1
T , AMBIENT TEMPERATURE, °C
Fig. 4 Power Derating Curve
A
2
1
0
T = 25 °C
j
150
10
200V
50
100
0
0
ZY68
ZY100
ZY120
ZY150
ZY180
ZY200
5mA
ZY56
ZY82
Test Current
10 mA
V ZENER VOLTAGE (V)
Fig. 3 Zener Breakdown Characteristics
Z,
20
10.4V-188V
2W
ZY11 THRU ZY200
SILICON POWER ZENER DIODE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com