Electronic Components Datasheet Search
  English  ▼

X  

ZY110 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # ZY110
Description  SILICON POWER ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

ZY110 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  ZY110 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd ZY110 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd ZY110 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mechanical Data
· 2 Watt Power Dissipation
· Zener Voltages from 11V - 200V
· Graded per International E24 Standard
· Case: Glass, DO-41
· Leads: Solderable per MIL-STD-202,
Method 208
· Polarity: Cathode Band
· Marking: Type Number
· Weight: 0.35 grams (approx.)
Maximum Ratings
Characteristic
Symbol
Value
Unit
Zener Current (see Table on Page 2)
——
—
Maximum Power Dissipation (Note 1)
Pd
2W
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
62.5
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case.
@TA = 25°C unless otherwise specified
SILICON POWER ZENER DIODE
10.4V-188V
2W
ZY11 THRU ZY200


Similar Part No. - ZY110

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZY110 DIODES-ZY110 Datasheet
63Kb / 3P
SILICON POWER ZENER DIODE
DS21406 Rev. E-3
logo
General Semiconductor
ZY110 GE-ZY110 Datasheet
364Kb / 7P
ZENER DIODES
logo
Diotec Semiconductor
ZY110 DIOTEC-ZY110 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZY110 EIC-ZY110 Datasheet
43Kb / 2P
SILICON ZENER DIODES
logo
Vishay Siliconix
ZY110 VISHAY-ZY110 Datasheet
320Kb / 7P
Zener Diodes
02-May-02
More results

Similar Description - ZY110

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZPU100 DIODES-ZPU100 Datasheet
57Kb / 2P
SILICON POWER ZENER DIODE
DS21405 Rev.D-3
ZPY1 DIODES-ZPY1 Datasheet
62Kb / 3P
SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
ZY11 DIODES-ZY11 Datasheet
63Kb / 3P
SILICON POWER ZENER DIODE
DS21406 Rev. E-3
logo
Zetex Semiconductors
BZP61 ZETEX-BZP61 Datasheet
188Kb / 4P
Silicon Power Zener Diode
BZV61 ZETEX-BZV61 Datasheet
198Kb / 4P
Silicon Power Zener Diode
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G Datasheet
399Kb / 5P
SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
SILICON ZENER DIODE
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
SILICON ZENER DIODE
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com