Electronic Components Datasheet Search
  English  ▼

X  

CXD3003R Datasheet(PDF) 122 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 122 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 118Page - Sony Corporation CXD3003R Datasheet HTML 119Page - Sony Corporation CXD3003R Datasheet HTML 120Page - Sony Corporation CXD3003R Datasheet HTML 121Page - Sony Corporation CXD3003R Datasheet HTML 122Page - Sony Corporation CXD3003R Datasheet HTML 123Page - Sony Corporation CXD3003R Datasheet HTML 124Page - Sony Corporation CXD3003R Datasheet HTML 125Page - Sony Corporation CXD3003R Datasheet HTML 126Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 137 page
background image
– 122 –
CXD3003R
$3E (preset: $3E 00 00)
F1NM, F1DM: Quasi double accuracy setting for FCS servo filter first-stage
On when set to 1; default = 0.
F1NM: Gain normal
F1DM: Gain down
T1NM, T1UM: Quasi double accuracy setting for TRK servo filter first-stage
On when set to 1; default = 0.
T1NM: Gain normal
T1UM: Gain up
F3NM, F3DM: Quasi double accuracy setting for FCS servo filter third-stage
On when set to 1; default = 0.
Generally, the advance amount of the phase becomes large by partially setting the FCS servo
third-stage filter which is used as the phase compensation filter to double accuracy.
F3NM: Gain normal
F3DM: Gain down
T3NM, T3UM: Quasi double accuracy setting for TRK servo filter third-stage
On when set to 1; default = 0.
Generally, the advance amount of the phase becomes large by partially setting the TRK servo
third-stage filter which is used as the phase compensation filter to double accuracy.
T3NM: Gain normal
T3UM: Gain up
Note) Filter first- and third-stage quasi double accuracy settings can be set individually.
See "FILTER Composition" at the end of this specification concerning quasi double accuracy.
DFIS:
FCS hold filter input extraction node selection
0: M05 (Data RAM address 05); default
1: M04 (Data RAM address 04)
TLCD:
This command masks the TLC2 command set by D2 of $38 only when FOK is low.
On when set to 1; default = 0
LKIN:
When 0, the internally generated LOCK signal is output to the LOCK pin. (default)
When 1, the LOCK signal can be input from an external source to the LOCK pin.
COIN:
When 0, the internally generated COUT signal is output to the COUT pin. (default)
When 1, the COUT signal can be input from an external source to the COUT pin.
The MIRR, DFCT and FOK signals can also be input from an external source.
MDFI:
When 0, the MIRR, DFCT and FOK signals are generated internally. (default)
When 1, the MIRR, DFCT and FOK signals can be input from an external source through the
MIRR, DFCT and FOK pins.
MIRI:
When 0, the MIRR signal is generated internally. (default)
When 1, the MIRR signal can be input from an external source through the MIRR pin.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
F1NM F1DM F3NM F3DM T1NM T1UM T3NM T3UM DFIS TLCD
0
LKIN COIN MDFI MIRI XT1D
XT1D:
The clock input from FSTI can be used without being frequency-divided as the master clock for
the servo block by setting D0 to 1. This command takes precedence over the XTSL pin, XT2D
and XT4D. See the description of $3F for XT2D and XT4D.
MDFI
0
0
1
0
1
—
MIRR, DFCT and FOK are all generated internally.
MIRR only is input from an external source.
MIRR, DFCT and FOK are all input from an external source.
MIRI
∗
∗: preset, —: don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com