Electronic Components Datasheet Search
  English  ▼

X  

CXD3003R Datasheet(PDF) 123 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 123 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 119Page - Sony Corporation CXD3003R Datasheet HTML 120Page - Sony Corporation CXD3003R Datasheet HTML 121Page - Sony Corporation CXD3003R Datasheet HTML 122Page - Sony Corporation CXD3003R Datasheet HTML 123Page - Sony Corporation CXD3003R Datasheet HTML 124Page - Sony Corporation CXD3003R Datasheet HTML 125Page - Sony Corporation CXD3003R Datasheet HTML 126Page - Sony Corporation CXD3003R Datasheet HTML 127Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 137 page
background image
– 123 –
CXD3003R
$3F (preset: $3F 00 00)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
AGG4 XT4D XT2D
0
DRR2 DRR1 DRR0
0
ASFG FTQ LPAS SRO1 SRO0 AGHF
0
XT4D, XT2D: MCK (digital servo master clock) frequency division setting
This command forcibly sets the frequency division ratio to 1/4, 1/2 or 1/1 when MCK is
generated from the signal input to the FSTI pin. See the description of $3E for XT1D.
AGG4:
This varies the amplitude of the internally generated sine wave using the AGGF and AGGT
commands during AGC.
When AGG4 = 0, the default is used. When AGG4 = 1, the setting is as shown in the table below.
AGGF (MSB)
0
0
1
1
0
1
0
1
1/64
× VDD/2
1/32
× VDD/2
1/16
× VDD/2
1/8
× VDD/2
AGGT (LSB)
TE/FE input conversion
DRR2 to DRR0: Partially clears the Data RAM values (0 write).
The following values are cleared when set to 1 (on) respectively; default = 0
DRR2: M08, M09, M0A
DRR1: M00, M01, M02
DRR0: M00, M01, M02 only when LOCK = low
Note) Set DRR1 and DRR0 on for 50µs or more.
ASFG:
When vibration detection is performed during anti-shock circuit operation, FCS servo filter is
forcibly set to gain normal status.
On when set to 1; default = 0
LPAS:
Built-in analog buffer low-current consumption mode
This mode reduces the total analog buffer current consumption for the VC, TE, SE and FE
input analog buffers by using a single operational amplifier.
On when set to 1; default = 0
Note) When using this mode, first check whether each error signal is properly A/D converted
using the SRO1 and SRO0 commands of $3F.
SRO1, SRO0:
These commands are used to output various data externally continuously which have been
specified with the $39 command. (However, D15 (DAC) of $39 must be set to 1.)
Digital output (SOCK, XOLT and SOUT) can be obtained from three specified pins by setting
these commands to 1 respectively. The default is 0, 0. (no readout)
The output pins for each case are shown below.
SOCK
XOLT
SOUT
DA13 pin
DA12 pin
DA14 pin
DA10 pin
DA09 pin
DA11 pin
SRO1 = 1
SRO0 = 1
(See "Description of Data Readout" on the following page.)
AGHF:
This halves the frequency of the internally generated sine wave during AGC.
FTQ:
The slope of the output during focus search is a quarter of the conventional output slope.
These settings are the same for
both focus auto gain control and
tracking auto gain control.
∗: preset, —: don't care
∗
XT1D
0
1
0
0
XT2D
0
—
1
0
XT4D
0
—
—
1
According to XTSL
1/1
1/2
1/4
Frequency division ratio
∗
∗: preset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com