Electronic Components Datasheet Search
  English  ▼

X  

ASW215 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASW215
Description  5-4000 MHz MMIC Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW215 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASW215 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW215 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW215 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW215 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW215 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW215 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW215 Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
February 2010
ASW215
5-4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1
MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
70
150
300
450
Magnitude S21 (dB)
18.5
18.5
18
17.5
Magnitude S11 (dB)
-15
-15
-18
-18
Magnitude S22 (dB)
-14
-14
-14
-13.5
Output P1dB (dBm)
19
19
19
19
Output IP3
1) (dBm)
37.5
38
38
38
Noise Figure (dB)
3.5
3.5
4.3
3.5
Device Voltage (V)
5
5
5
5
Current (mA)
83
83
83
83
IF
70 ~ 450 MHz
+5 V
100
200
300
400
500
0
5
10
15
20
25
Frequency (MHz)
100
200
300
400
500
-25
-20
-15
-10
-5
0
Frequency (MHz)
100
200
300
400
500
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
C1=1000 pF
L1=680 nH
C2=1000 pF
RF IN
RF OUT
C3=100 pF
C4=1 mF
ASW215
D1=5.6V
Zener Diode
Vcc=5 V
R1=1 W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com