Electronic Components Datasheet Search
  English  ▼

X  

2N5154HR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N5154HR
Description  Hi-Rel NPN bipolar transistor 80 V - 5 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5154HR Datasheet(HTML) 1 Page - STMicroelectronics

  2N5154HR Datasheet HTML 1Page - STMicroelectronics 2N5154HR Datasheet HTML 2Page - STMicroelectronics 2N5154HR Datasheet HTML 3Page - STMicroelectronics 2N5154HR Datasheet HTML 4Page - STMicroelectronics 2N5154HR Datasheet HTML 5Page - STMicroelectronics 2N5154HR Datasheet HTML 6Page - STMicroelectronics 2N5154HR Datasheet HTML 7Page - STMicroelectronics 2N5154HR Datasheet HTML 8Page - STMicroelectronics 2N5154HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
September 2012
Doc ID 15387 Rev 4
1/10
10
2N5154HR
Hi-Rel NPN bipolar transistor 80 V - 5 A
Datasheet
− production data
Features
■ Hi-Rel NPN bipolar transistor
■ Linear gain characteristics
■ ESCC qualified
■ European preferred part list - EPPL
■ Radiation level: lot specific total dose contact
marketing for specified level
Description
The 2N5154HR is a silicon planar epitaxial NPN
transistor in TO-39, TO-257 and SMD.5 packages.
It is specifically designed for aerospace Hi-Rel
applications and ESCC qualified according to the
5203-010 specification. In case of conflict
between this datasheet and ESCC detailed
specification, the latter prevails.
Figure 1.
Internal schematic diagram
BVCEO
80 V
IC (max)
5 A
HFE at 10 V - 150 mA
> 70
Operating temperature range
- 65 °C to + 200 °C
TO-257
1
2 3
TO-39
SMD.5
3
2
1
Table 1.
Device summary
Order codes
Packages
Lead finish
Marking
Type
EPPL
Packaging
2N5154HR
TO-39
Gold
Solder Dip
520301001
520301002
ESCC Flight
Strip pack
2N5154SHR
SMD.5
Gold
520301006
ESCC Flight
Yes
Strip pack
2N5154ESYHRB
TO-257
Gold
Solder Dip
520301004
520301005
ESCC Flight
Strip pack
2N5154T1
TO-39
Gold
2N5154T1
Engineering
model
Strip pack
2N5154S1
SMD.5
Gold
2N5154S1
Engineering
model
Strip pack
2N5154ESY
TO-257
Gold
2N5154ESY
Engineering
model
Strip pack
www.st.com


Similar Part No. - 2N5154HR

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5154 SEME-LAB-2N5154 Datasheet
24Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
logo
Semicoa Semiconductor
2N5154 SEMICOA-2N5154 Datasheet
33Kb / 1P
Chip Type 2C5154 Geometry 9201 Polarity NPN
2N5154 SEMICOA-2N5154 Datasheet
60Kb / 2P
Type 2N5154 Geometry 9201 Polarity NPN
logo
Central Semiconductor C...
2N5154 CENTRAL-2N5154 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5154 ETC1-2N5154 Datasheet
93Kb / 2P
COLLECTOR CURRENT = 10 AMPS NPN TYPES
More results

Similar Description - 2N5154HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2219AHR STMICROELECTRONICS-2N2219AHR Datasheet
133Kb / 9P
Hi-Rel NPN bipolar transistor 40 V, 0.8 A
04-Oct-2012
2N2222AHR STMICROELECTRONICS-2N2222AHR Datasheet
429Kb / 18P
Hi-Rel 40 V - 0.8 A NPN transistor
14-May-2012
2N2484HR STMICROELECTRONICS-2N2484HR Datasheet
306Kb / 12P
Hi-Rel NPN bipolar transistor 60 V - 50 mA
09-Jul-2010
2N2905AHR STMICROELECTRONICS-2N2905AHR Datasheet
165Kb / 8P
Hi-Rel PNP bipolar transistor 60 V, 0.6 A
04-Oct-2012
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
05-Jan-2010
2N3019HR STMICROELECTRONICS-2N3019HR Datasheet
166Kb / 9P
Hi-Rel NPN bipolar transistor 80 V, 1 A
05-Oct-2012
2N3700HR STMICROELECTRONICS-2N3700HR Datasheet
286Kb / 12P
Hi-Rel 80 V - 1 A NPN bipolar transistor
30-Nov-2011
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
Hi-Rel PNP bipolar transistor 80 V - 5 A
12-Sep-2012
2N5401HR STMICROELECTRONICS-2N5401HR Datasheet
222Kb / 10P
Hi-Rel PNP bipolar transistor 150 V, 0.5 A
10-Oct-2012
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
Hi-Rel NPN bipolar transistor 160 V - 0.5 A
12-Jul-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com