Electronic Components Datasheet Search
  English  ▼

X  

2N5154HR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 2N5154HR
Description  Hi-Rel NPN bipolar transistor 80 V - 5 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5154HR Datasheet(HTML) 4 Page - STMicroelectronics

  2N5154HR Datasheet HTML 1Page - STMicroelectronics 2N5154HR Datasheet HTML 2Page - STMicroelectronics 2N5154HR Datasheet HTML 3Page - STMicroelectronics 2N5154HR Datasheet HTML 4Page - STMicroelectronics 2N5154HR Datasheet HTML 5Page - STMicroelectronics 2N5154HR Datasheet HTML 6Page - STMicroelectronics 2N5154HR Datasheet HTML 7Page - STMicroelectronics 2N5154HR Datasheet HTML 8Page - STMicroelectronics 2N5154HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
2N5154HR
4/10
Doc ID 15387 Rev 4
2.1
Electrical characteristics (curves)
2.2
Test circuit
Figure 6.
Resistive load switching test circuit
1.
Fast electronic switch
2.
Non-inductive resistor
Figure 2.
hFE @VCE = 5 V
Figure 3.
VCEsat @ hFE = 10
Figure 4.
VBEsat @ hFE = 10
Figure 5.
VBEON @ VCE = 5 V
Ic (A)
0.01
0.1
1
10
10
100
1E3
-55°C
25°C
125°C
AM12790v1
AM12791v1
Ic (A)
0.01
0.1
1
10
0.01
0.1
1
-55°C
25°C
125°C
AM12792v1
Ic (A)
0.01
0.1
1
10
1.15
1.1
1.05
1
0.95
0.9
0.85
0.8
0.75
0.7
0.65
0.6
0.55
0.5
-55°C
25°C
125°C
AM12793v1
Ic (A)
0.1
1
10
1.1
1.05
1
0.95
0.9
0.85
0.8
0.75
0.65
0.6
0.55
0.5
0.45
-55°C
25°C
125°C
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com