Electronic Components Datasheet Search
  English  ▼

X  

BYW81HR Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYW81HR
Description  Aerospace 1 x 15 A and 2 x 15 A - 200 V fast recovery rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW81HR Datasheet(HTML) 1 Page - STMicroelectronics

  BYW81HR Datasheet HTML 1Page - STMicroelectronics BYW81HR Datasheet HTML 2Page - STMicroelectronics BYW81HR Datasheet HTML 3Page - STMicroelectronics BYW81HR Datasheet HTML 4Page - STMicroelectronics BYW81HR Datasheet HTML 5Page - STMicroelectronics BYW81HR Datasheet HTML 6Page - STMicroelectronics BYW81HR Datasheet HTML 7Page - STMicroelectronics BYW81HR Datasheet HTML 8Page - STMicroelectronics BYW81HR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
November 2010
Doc ID 17735 Rev 1
1/9
9
BYW81HR
Aerospace 1 x 15 A and 2 x 15 A - 200 V fast recovery rectifier
Features
Very small conduction losses
Negligible switching losses
High surge current capability
High avalanche energy capability
Hermetic packages
Target radiation qualification:
– 150 krad (Si) low dose rate
– 1 Mrad high dose rate
ESCC qualified
Description
Packaged in hermetic TO-254 or SMD.5, this
device is intended for use in medium voltage, high
frequency switching mode power supplies, high
frequency DC to DC converters, and other
aerospace applications.
The complete ESCC specification for this device
is available from the European Space Agency
web site. ST guarantees full compliance of
qualified parts with such ESCC detailed
specifications.
Figure 1.
Device configurations
TO-254
SMD.5
1
2
3
2
1
3
Variant 03
BYW81-200CFSY1
Variant 05
BYW81-200SHRB
Terminal 1:
Terminal 2:
Terminal 3:
The case is not connected to any lead
Terminal 1:
Terminal 2:
Terminal 3:
The lid is not connected to any terminal
Anode a
Common cathode
Anode b
Anode
Anode
Cathode
Table 1.
Device summary(1)
1.
Contact ST sales office for information about the specific conditions for products in die form and QML-Q versions.
Order code
ESCC part
number
Quality level EPPL
Package
IF(AV)
VRRM
VF (max)
Tj(max)
BYW81-200CFSY1
-
Engineering
model
-
TO-254
2 x 15 A
200 V
1.15 V
150 °C
BYW81-200CFSYHRB
5103/029/03
ESCC flight
-
TO-254
2 x 15 A
BYW81-200SHRB
5103/029/05
ESCC flight
Y
SMD.5
15 A
www.st.com


Similar Part No. - BYW81HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW81 STMICROELECTRONICS-BYW81 Datasheet
67Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Insulatingvoltage
logo
New Jersey Semi-Conduct...
BYW81-100 NJSEMI-BYW81-100 Datasheet
84Kb / 1P
RECTIFIER DIODES
BYW81-100R NJSEMI-BYW81-100R Datasheet
84Kb / 1P
RECTIFIER DIODES
BYW81-150 NJSEMI-BYW81-150 Datasheet
84Kb / 1P
RECTIFIER DIODES
BYW81-150R NJSEMI-BYW81-150R Datasheet
84Kb / 1P
RECTIFIER DIODES
More results

Similar Description - BYW81HR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
Schottky Rectifier, 2 x 15 A
16-Mar-10
30CPQ080GPBF VISHAY-30CPQ080GPBF_12 Datasheet
182Kb / 7P
Schottky Rectifier, 2 x 15 A
02-Dec-11
30CTQ080PBF VISHAY-30CTQ080PBF_12 Datasheet
174Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
MBR3035WTPBF VISHAY-MBR3035WTPBF_12 Datasheet
162Kb / 7P
Schottky Rectifier, 2 x 15 A
30-Aug-11
logo
STMicroelectronics
BYV52HR STMICROELECTRONICS-BYV52HR Datasheet
82Kb / 8P
Aerospace 30 A - 200 V fast recovery rectifier
14-Apr-2010
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
STPS20100HR STMICROELECTRONICS-STPS20100HR Datasheet
91Kb / 10P
Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
25-Mar-2010
logo
Vishay Siliconix
VS-32CTQ025PBF VISHAY-VS-32CTQ025PBF_15 Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 15 A
11-Oct-11
32CTQS VISHAY-32CTQS Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
VS-25CTQPBF VISHAY-VS-25CTQPBF Datasheet
171Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com