Electronic Components Datasheet Search
  English  ▼

X  

BYW81HR Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYW81HR
Description  Aerospace 1 x 15 A and 2 x 15 A - 200 V fast recovery rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW81HR Datasheet(HTML) 2 Page - STMicroelectronics

  BYW81HR Datasheet HTML 1Page - STMicroelectronics BYW81HR Datasheet HTML 2Page - STMicroelectronics BYW81HR Datasheet HTML 3Page - STMicroelectronics BYW81HR Datasheet HTML 4Page - STMicroelectronics BYW81HR Datasheet HTML 5Page - STMicroelectronics BYW81HR Datasheet HTML 6Page - STMicroelectronics BYW81HR Datasheet HTML 7Page - STMicroelectronics BYW81HR Datasheet HTML 8Page - STMicroelectronics BYW81HR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
BYW81HR
2/9
Doc ID 17735 Rev 1
1
Characteristics
Table 2.
Absolute maximum ratings
Symbol
Characteristic
Value
Unit
I
FSM
Forward surge current (1) (2)
Variant 05
Variant 03 (per diode)
Variant 03 (per device)
1.
Sinusoidal pulse of 10 ms duration
2.
For variant 03 the “per device” ratings apply only when both cathode terminals are tied together.
250
250
500
A
VRRM
Repetitive peak reverse voltage(3)
3.
Pulsed, duration 5 ms, F = 50 Hz
200
V
IO
Average output rectified current (50% duty cycle)(2)(4)
Variant 05
Variant 03 (per diode)
Variant 03 (per device)
4.
For Tcase ≥ +110°C, derate linearly to 0 A at +150°C.
15
15
30
A
IF(RMS)
Forward rms current (per diode)(2)
Variant 05
Variant 03 (per diode)
Variant 03 (per device)
30
30
40
A
TOP
Operating case temperature range(5)
5.
For devices with hot solder dip lead finish all testing performed at Tamb > +125 °C are carried out in a 100%
inert atmosphere.
-55 to +150
°C
T
J
Junction temperature
+150
°C
TSTG
Storage temperature range(5)
-55 to +150
°C
TSOL
Soldering temperature
TO-254(6)
SMD.5(7)
6.
Duration 10 seconds maximum at a distance of not less than 1.5 mm from the device body and the same
lead shall not be resoldered until 3 minutes have elapsed.
7.
Duration 5 seconds maximum the same package shall not be resoldered until 3 minutes have elapsed.
+260
+245
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth (j-c)
(1)
1.
Package mounted on infinite heatsink.
Junction to case
All variants (per diode)
Variant 03 (per device)(2)
2.
For variant 03 the “per device” ratings apply only when both cathode terminals are tied together.
2.3
1.4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com