Electronic Components Datasheet Search
  English  ▼

X  

L6391 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6391
Description  High-voltage high and low side driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6391 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6391 Datasheet HTML 13Page - STMicroelectronics L6391 Datasheet HTML 14Page - STMicroelectronics L6391 Datasheet HTML 15Page - STMicroelectronics L6391 Datasheet HTML 16Page - STMicroelectronics L6391 Datasheet HTML 17Page - STMicroelectronics L6391 Datasheet HTML 18Page - STMicroelectronics L6391 Datasheet HTML 19Page - STMicroelectronics L6391 Datasheet HTML 20Page - STMicroelectronics L6391 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Package mechanical data
L6391
18/21
Doc ID 17892 Rev 1
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 10.
Package dimensions
Table 10.
DIP-14 mechanical data
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com