Electronic Components Datasheet Search
  English  ▼

X  

LM2903H Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM2903H
Description  Low-power dual voltage comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903H Datasheet(HTML) 2 Page - STMicroelectronics

  LM2903H_12 Datasheet HTML 1Page - STMicroelectronics LM2903H_12 Datasheet HTML 2Page - STMicroelectronics LM2903H_12 Datasheet HTML 3Page - STMicroelectronics LM2903H_12 Datasheet HTML 4Page - STMicroelectronics LM2903H_12 Datasheet HTML 5Page - STMicroelectronics LM2903H_12 Datasheet HTML 6Page - STMicroelectronics LM2903H_12 Datasheet HTML 7Page - STMicroelectronics LM2903H_12 Datasheet HTML 8Page - STMicroelectronics LM2903H_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute maximum ratings and operating conditions
LM2903H
2/10
Doc ID 9875 Rev 4
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18 or 36
V
Vid
Differential input voltage
±36
V
Vin
Input voltage
-0.3 to +36
V
Output short-circuit to ground (1)
1.
Short-circuit from the output to VCC
+ can cause excessive heating and eventual destruction. The maximum
output current is approximately 20 mA, independent of the magnitude of VCC
+.
20
mA
Rthja
Thermal resistance junction to ambient (2)
(SO-8)
2.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
125
°C/W
Rthjc
Thermal resistance junction to case (2)
(SO-8)
40
°C/W
Tj
Maximum junction temperature
160
°C
ESD
HBM: human body model (3)
MM: machine model (4)
CDM: charged device model (5)
3.
Human body model: A 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
4.
Machine model: A 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
5.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
800
200
1500
V
Tstg
Storage temperature range
-65 to +150
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage
2 to 36
V
Toper
Operating free-air temperature range
-40 to +150
°C
Vicm
Input common mode voltage range (VCC = 30 V)
(1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by
more than 0.3 V. The upper end of the common-mode voltage range is VCC
+ –1.5 V, but either or both
inputs can go to +30 V without damage.
0 to VCC
+-1.5
0 to VCC
+-2
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com