Electronic Components Datasheet Search
  English  ▼

X  

LM2903H Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM2903H
Description  Low-power dual voltage comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903H Datasheet(HTML) 3 Page - STMicroelectronics

  LM2903H_12 Datasheet HTML 1Page - STMicroelectronics LM2903H_12 Datasheet HTML 2Page - STMicroelectronics LM2903H_12 Datasheet HTML 3Page - STMicroelectronics LM2903H_12 Datasheet HTML 4Page - STMicroelectronics LM2903H_12 Datasheet HTML 5Page - STMicroelectronics LM2903H_12 Datasheet HTML 6Page - STMicroelectronics LM2903H_12 Datasheet HTML 7Page - STMicroelectronics LM2903H_12 Datasheet HTML 8Page - STMicroelectronics LM2903H_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM2903H
Circuit schematics
Doc ID 9875 Rev 4
3/10
2
Circuit schematics
Figure 1.
Schematic diagram (1/2 LM2903)
Figure 2.
Pad locations
VCC-
VCC-
VCC+
VCC-
3.5µA
100µA
3.5µA
100µA
Vo
Non-Inverting
Inverting
Input
Input
OUT 1
OUT 2
Vcc +
E- (1)
E+ (1)
E- (2)
GND
E+ (2)
year
Die id.
x
y
90
90
730
90
OUT2
90
90
415
65
Vcc +
90
90
100
100
OUT1
90
90
100
400
E-1
90
90
100
750
E+1
90
90
415
830
GND
Pad dimensions
Pad placement
Name
90
90
720
760
E+2
90
90
720
410
E-2
Y
X
Y
X
90
90
730
90
OUT2
90
90
415
65
Vcc +
90
90
100
100
OUT1
90
90
100
400
E-1
90
90
100
750
E+1
90
90
415
830
GND
Pad dimensions
Pad placement
Name
90
90
720
760
E+2
90
90
720
410
E-2
Y
X
Y
X
All dimensions are specified in micrometer (um).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com