Electronic Components Datasheet Search
  English  ▼

X  

RHF484 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHF484
Description  Rad-hard precision quad operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF484 Datasheet(HTML) 1 Page - STMicroelectronics

  RHF484 Datasheet HTML 1Page - STMicroelectronics RHF484 Datasheet HTML 2Page - STMicroelectronics RHF484 Datasheet HTML 3Page - STMicroelectronics RHF484 Datasheet HTML 4Page - STMicroelectronics RHF484 Datasheet HTML 5Page - STMicroelectronics RHF484 Datasheet HTML 6Page - STMicroelectronics RHF484 Datasheet HTML 7Page - STMicroelectronics RHF484 Datasheet HTML 8Page - STMicroelectronics RHF484 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
April 2011
Doc ID 17351 Rev 1
1/18
18
RHF484
Rad-hard precision quad operational amplifier
Features
High radiation immunity: 300 kRad TID at high
dose rate
ELDRS-free up to 100 krad
300 krad low dose rate on-going
SEL immune at LET = 120 MeV.cm²/mg at
125°C
SET characterized
Hermetic package
Rail-to-rail input/output
8 MHz gain bandwidth product
Low input offset voltage: 60 µV typ
Supply current: 2.2 mA typ per amplifier
Operating from 4 to 14 V
Input bias current: 6 nA typ
QLM-V qualified under smd 5962-08222
Applications
Space probes and satellites
Harsh environment
Description
The RHF484 is a rail-to-rail precision bipolar quad
operational amplifier featuring a low input offset
voltage and a wide supply voltage.
Designed to increase tolerance to radiation, the
RHF484 is housed in a hermetic 14-pin flat
package, making it an ideal product for space
applications and harsh environments.
Note:
Contact your ST sales office for information on specific conditions for products in die form.
Ceramic Flat-14W
Pin connections (top view)
The upper metallic lid is not electrically connected to
any pins, nor to the IC die inside the package
Table 1.
Device summary
Reference
SMD pin
Quality level
Temp range
Package
Lead
finish
Mass
EPPL
RHF484K1
Engineering
model
-55°C to +125°C
Flat-14 W
Gold
0.70 g
-
RHF484K-01V
5962F08222
Flight model
-
www.st.com


Similar Part No. - RHF484

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B Datasheet
490Kb / 12P
RAD-hardened precision bipolar single operational amplifier
29-Jan-2008
RHF43BK-01V STMICROELECTRONICS-RHF43BK-01V Datasheet
490Kb / 12P
RAD-hardened precision bipolar single operational amplifier
29-Jan-2008
RHF43BK1 STMICROELECTRONICS-RHF43BK1 Datasheet
490Kb / 12P
RAD-hardened precision bipolar single operational amplifier
29-Jan-2008
RHF43BK2 STMICROELECTRONICS-RHF43BK2 Datasheet
490Kb / 12P
RAD-hardened precision bipolar single operational amplifier
29-Jan-2008
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
Rad-hard precision bipolar single operational amplifier
27-Jul-2011
More results

Similar Description - RHF484

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5134883 INTERSIL-HA-5134883 Datasheet
123Kb / 5P
Precision Quad Operational Amplifier
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
Rad Hard 40V Quad Precision Low Power Operational Amplifiers
July 2, 2012
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
Rad-hard precision bipolar single operational amplifier
27-Jul-2011
RHF330 STMICROELECTRONICS-RHF330 Datasheet
748Kb / 22P
Rad-hard 1 GHz low noise operational amplifier
27-May-2010
RHF350 STMICROELECTRONICS-RHF350 Datasheet
1Mb / 23P
Rad-hard 550 MHz low noise operational amplifier
03-Aug-2012
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
Linear Technology
RH1014M LINER-RH1014M_15 Datasheet
115Kb / 6P
Quad Precision Operational Amplifier
logo
STMicroelectronics
RHF330A STMICROELECTRONICS-RHF330A Datasheet
810Kb / 26P
Rad-hard 1 GHz low noise operational amplifier
Feb-2020
RHF350A STMICROELECTRONICS-RHF350A Datasheet
1,011Kb / 26P
Rad-hard 550 MHz low noise operational amplifier
Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com