Electronic Components Datasheet Search
  English  ▼

X  

RHF484 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHF484
Description  Rad-hard precision quad operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF484 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHF484 Datasheet HTML 6Page - STMicroelectronics RHF484 Datasheet HTML 7Page - STMicroelectronics RHF484 Datasheet HTML 8Page - STMicroelectronics RHF484 Datasheet HTML 9Page - STMicroelectronics RHF484 Datasheet HTML 10Page - STMicroelectronics RHF484 Datasheet HTML 11Page - STMicroelectronics RHF484 Datasheet HTML 12Page - STMicroelectronics RHF484 Datasheet HTML 13Page - STMicroelectronics RHF484 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Electrical characteristics
RHF484
10/18
Doc ID 17351 Rev 1
Figure 7.
Supply current vs. supply voltage at
Vicm =VCC/2
Figure 8.
Output current vs. supply voltage at
Vicm = VCC/2
002244668810
10
12
12
14
14
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
T=-55°C
Vicm=Vcc/2
T=125°C
T=25°C
Supply voltage (V)
4.0
4.0
6.0
6.0
8.0
8.0
10.0
10.0
12.0
12.0
14.0
14.0
-50
-45
-40
-40
-35
-30
-25
-20
-20
-15
-10
-5
00
5
10
15
20
20
25
30
35
40
40
45
50
T=125°C
T=25°C
T=-55°C
Sink
Vid = -1V
Source
Vid = 1V
T=-55°C
T=25°C
T=125°C
Vicm=Vcc/2
Supply voltage (V)
Figure 9.
Output current vs. output voltage at
VCC = 4 V
Figure 10.
Output current vs. output voltage at
VCC = 14 V
-2.0
-2.0
-1.5
-1.0
-1.0
-0.5
0.0
0.0
0.5
1.0
1.0
1.5
2.0
2.0
-50
-50
-40
-40
-30
-30
-20
-20
-10
-10
00
10
10
20
20
30
30
40
40
50
50
Source
Sink
T=-55°C
T=25°C
T=125°C
T=-55°C
+Vcc=2V
-Vcc=-2V
T=25°C
Output Voltage (V)
-7 -6
-6 -5 -4
-4 -3 -2
-2 -1 0
01
2
23
4
45
6
67
-50
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
50
-Vcc=-7V
+Vcc=+7V
Source
Sink
T=-55°C
T=25°C
T=125°C
T=-55°C
T=125°C
T=25°C
Output Voltage (V)
Figure 11.
Differential input voltage vs. output
voltage at VCC =4V
Figure 12.
Differential input voltage vs. output
voltage at VCC = 14 V
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-1.0
-0.5
0.0
0.5
T=-55°C
-Vcc=-2V
+Vcc=+2V
T=125°C
T=25°C
Output voltage (V)
-6 -5 -4 -3 -2 -1
0123456
-4
-3
-2
-1
0
1
T=-55°C
-Vcc=-7V
+Vcc=+7V
T=125°C
T=25°C
Output voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com