Electronic Components Datasheet Search
  English  ▼

X  

EMC1701 Datasheet(PDF) 13 Page - SMSC Corporation

Part # EMC1701
Description  High-Side Current-Sense and Internal 1째C Temperature Monitor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1701 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button EMC1701 Datasheet HTML 9Page - SMSC Corporation EMC1701 Datasheet HTML 10Page - SMSC Corporation EMC1701 Datasheet HTML 11Page - SMSC Corporation EMC1701 Datasheet HTML 12Page - SMSC Corporation EMC1701 Datasheet HTML 13Page - SMSC Corporation EMC1701 Datasheet HTML 14Page - SMSC Corporation EMC1701 Datasheet HTML 15Page - SMSC Corporation EMC1701 Datasheet HTML 16Page - SMSC Corporation EMC1701 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
High-Side Current-Sense and Internal 1°C Temperature Monitor
Datasheet
SMSC EMC1701
13
Revision 1.2 (09-27-10)
DATASHEET
APPLICATION NOTE: The EMC1701 is trimmed at the 80mV range for best accuracy.
2.2
SMBus Electrical Specifications
Threshold Accuracy
(±)
VTH_ERR
25
%
VTH = 80mV
INTERNAL TEMPERATURE MONITOR
Temperature
Accuracy (±)
0.25
1
°C
-5°C < TA < 85°C
2
°C
-40°C < TA < 85°C
Temperature
Resolution
0.125
°C
CONVERSION TIMES
First Conversion
Ready
tCONV_T
180
300
ms
Time after power up before
temperature and voltage
measurements updated and
PRATIO updated
SMBus Delay
tSMB_D
25
ms
Time before SMBus
communications should be sent
by host
DIGITAL I/O PINS (SMCLK, SMDATA, THERM, ALERT)
Input High Voltage
VIH
2.0
V
SMCLK, SMDATA
OD pins pulled up to VPULLUP
Input Low Voltage
VIL
0.8
V
Output Low Voltage
VOL
0.4
V
OD pin pulled to VPULLUP
4 mA current sink
Table 2.3 SMBus Electrical Specifications
VDD= VBUS = 3V to 24V, VPULLUP = 3V to 5.5V, TA = -40°C to 85°C Typical values are at TA = 27°C unless
otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
SMBUS INTERFACE
Input Capacitance
CIN
410
pF
SMBUS TIMING
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
50
ns
Table 2.2 Electrical Specifications (continued)
VDD = VBUS = 3V TO 24V, VPULLUP = 3V TO 5.5V, TA = -40°C TO 85°C,
ALL TYPICAL VALUES AT VDD = VPULLUP = 3.3V, VBUS = 12V, AND TA = 27°C UNLESS OTHERWISE NOTED.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com