Electronic Components Datasheet Search
  English  ▼

X  

EMC1701 Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMC1701
Description  High-Side Current-Sense and Internal 1째C Temperature Monitor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1701 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMC1701 Datasheet HTML 4Page - SMSC Corporation EMC1701 Datasheet HTML 5Page - SMSC Corporation EMC1701 Datasheet HTML 6Page - SMSC Corporation EMC1701 Datasheet HTML 7Page - SMSC Corporation EMC1701 Datasheet HTML 8Page - SMSC Corporation EMC1701 Datasheet HTML 9Page - SMSC Corporation EMC1701 Datasheet HTML 10Page - SMSC Corporation EMC1701 Datasheet HTML 11Page - SMSC Corporation EMC1701 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
High-Side Current-Sense and Internal 1°C Temperature Monitor
Datasheet
Revision 1.2 (09-27-10)
8
SMSC EMC1701
DATASHEET
Chapter 1 Pin Description
Figure 1.1 EMC1701 Pin Diagram 12-Pin QFN 4mm x 4mm
Figure 1.2 EMC1701 Pin Diagram 10-Pin MSOP
2
3
9
8
7
VDD
SMCLK
SMDATA
1
DUR_SEL
N/C
N/C
GND
EMC
1701-1
EMC
1701-2
SMDATA
SMCLK
ALERT
VDD
THERM
GND
1
2
3
4
5
10
9
8
7
6
ADDR_SEL
SENSE+
SENSE-
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com