Electronic Components Datasheet Search
  English  ▼

X  

CXD3606R Datasheet(PDF) 21 Page - Sony Corporation

Part # CXD3606R
Description  Timing Generator for Frame Readout CCD Image Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3606R Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXD3606R Datasheet HTML 17Page - Sony Corporation CXD3606R Datasheet HTML 18Page - Sony Corporation CXD3606R Datasheet HTML 19Page - Sony Corporation CXD3606R Datasheet HTML 20Page - Sony Corporation CXD3606R Datasheet HTML 21Page - Sony Corporation CXD3606R Datasheet HTML 22Page - Sony Corporation CXD3606R Datasheet HTML 23Page - Sony Corporation CXD3606R Datasheet HTML 24Page - Sony Corporation CXD3606R Datasheet HTML 25Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
– 21 –
CXD3606R
VD
V1A
SUB
WEN
0
1
0
HTSG
1
0
1
SMD
Vck
Exposure time
EXP
[HTSG control mode]
This mode controls the V1A/B and V3A/B ternary level outputs (readout pulse block) using D14 HTSG. When
control is applied, V pulse modulation does not occur during the readout period, and only normal V transfer is
performed.
D14
0
1
Description of operation
Readout pulse (SG) normal operation
HTSG control mode
[EXP pulse]
The ID/EXP pin (Pin 4) output can be switched between the ID pulse or the EXP pulse using D33 EXP. The
default is the "ID" pulse. See the Timing Charts for the ID pulse. The EXP pulse indicates the exposure time
when it is high. In draft mode, the transition point is midpoint value (1443ck) of the last SUB pulse falling edge
and each V1A/B and V3A/B ternary output falling edge. When there is no SUB pulse, the later ternary output
falling edge (1538ck) is used. In frame mode, the transition point is the last SUB pulse falling edge, and each
V1A/B and V3A/B ternary level output falling edge (1348ck). When there is no SUB pulse, the V pulse
modulation falling edge (1386ck) immediately after the ternary output is used. In addition, switching from the ID
pulse to the EXP pulse is performed at the ID reset timing (the ID transition point during the horizontal period of
each V1A/B and V3A/B ternary level output), and the EXP pulse is reset low at this point. See the EXP pulse
indicated in the explanatory diagrams under [Electronic shutter] for an image of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com