Electronic Components Datasheet Search
  English  ▼

X  

CXD3606R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD3606R
Description  Timing Generator for Frame Readout CCD Image Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3606R Datasheet(HTML) 5 Page - Sony Corporation

  CXD3606R Datasheet HTML 1Page - Sony Corporation CXD3606R Datasheet HTML 2Page - Sony Corporation CXD3606R Datasheet HTML 3Page - Sony Corporation CXD3606R Datasheet HTML 4Page - Sony Corporation CXD3606R Datasheet HTML 5Page - Sony Corporation CXD3606R Datasheet HTML 6Page - Sony Corporation CXD3606R Datasheet HTML 7Page - Sony Corporation CXD3606R Datasheet HTML 8Page - Sony Corporation CXD3606R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
– 5 –
CXD3606R
Electrical Characteristics
DC Characteristics
(Within the recommended operating conditions)
VDD2
VDD3
VDD4
VDD1, VDD5
RST, SSI, SCK,
SEN
TEST1, TEST2,
SNCSL, SSGSL
VD, HD
H1, H2
RG
XSHP, XSHD,
XRS, PBLK,
OBCLP, CLPDM,
ADCLK
CKO
MCKO
ID/EXP,
WEN
V1A, V1B,
V3A, V3B,
V2, V4
SUB
VDDa
VDDb
VDDc
VDDd
Vt+
Vt–
VIH1
VIL1
VIH2
VIL2
VOH1
VOL1
VOH2
VOL2
VOH3
VOL3
VOH4
VOL4
VOH5
VOL5
VOH6
VOL6
VOH7
VOL7
IOL
IOM1
IOM2
IOH
IOSL
IOSH
3.0
3.0
3.0
3.0
0.8VDDd
0.7VDDd
0.8VDDd
VDDd – 0.8
VDDb – 0.8
VDDa – 0.8
VDDc – 0.8
VDDd – 0.8
VDDd – 0.8
VDDd – 0.8
10.0
5.0
5.4
3.3
3.3
3.3
3.3
3.6
5.25
3.6
3.6
0.2VDDd
0.2VDDd
0.2VDDd
0.4
0.4
0.4
0.4
0.4
0.4
0.4
–5.0
–7.2
–4.0
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
Feed current where IOH = –1.2 mA
Pull-in current where IOL = 2.4mA
Feed current where IOH = –22.0mA
Pull-in current where IOL = 14.4mA
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4mA
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4mA
Feed current where IOH = –6.9mA
Pull-in current where IOL = 4.8mA
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4mA
Feed current where IOH = –2.4mA
Pull-in current where IOL = 4.8mA
V1A/B, V2, V3A/B, V4 = –8.25V
V1A/B, V2, V3A/B, V4 = –0.25V
V1A/B, V3A/B = 0.25V
V1A/B, V3A/B = 14.75V
SUB = –8.25V
SUB = 14.75V
Supply voltage 1
Supply voltage 2
Supply voltage 3
Supply voltage 4
Input voltage 1∗1
Input voltage 2∗2
Input/output
voltage
Output voltage 1
Output voltage 2
Output voltage 3
Output voltage 4
Output voltage 5
Output voltage 6
Output current 1
Output current 2
Item
Pins
Symbol
Conditions
Min.
Typ.
Max.
Unit
∗1 These input pins are Schmitt trigger inputs, and have a protective diode on the power supply side in the IC.
Therefore, they do not support 5V input.
∗2 This input pin is with pull-down registor in the IC.
Note) The above table indicates the condition for 3.3V drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com