Electronic Components Datasheet Search
  English  ▼

X  

ICX412 Datasheet(PDF) 4 Page - Sony Corporation

Part # ICX412
Description  Timing Generator for Frame Readout CCD Image Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX412 Datasheet(HTML) 4 Page - Sony Corporation

  ICX412 Datasheet HTML 1Page - Sony Corporation ICX412 Datasheet HTML 2Page - Sony Corporation ICX412 Datasheet HTML 3Page - Sony Corporation ICX412 Datasheet HTML 4Page - Sony Corporation ICX412 Datasheet HTML 5Page - Sony Corporation ICX412 Datasheet HTML 6Page - Sony Corporation ICX412 Datasheet HTML 7Page - Sony Corporation ICX412 Datasheet HTML 8Page - Sony Corporation ICX412 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
– 4 –
CXD3606R
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
System clock output for signal processing IC
Serial interface data input for internal mode settings.
Schmitt trigger input/protective diode on power supply side
Serial interface clock input for internal mode settings.
Schmitt trigger input/protective diode on power supply side
Serial interface strobe input for internal mode settings.
Schmitt trigger input/protective diode on power supply side
Vertical sync signal input/output
Horizontal sync signal input/output
GND
IC test pin 1; normally fixed to GND.
With pull-down resistor
GND (GND for vertical driver)
CCD vertical register clock output
CCD vertical register clock output
CCD vertical register clock output
15.0V power supply. (Power supply for vertical driver)
CCD vertical register clock output
CCD vertical register clock output
–7.5V power supply. (Power supply for vertical driver)
CCD vertical register clock output
CCD electronic shutter pulse output
IC test pin 2; normally fixed GND.
With pull-down registor
MCKO
SSI
SCK
SEN
VD
HD
VSS6
TEST1
VM
V2
V4
V1A
VH
V1B
V3A
VL
V3B
SUB
TEST2
O
I
I
I
I/O
I/O
—
I
—
O
O
O
—
O
O
—
O
O
I
Pin
No.
Symbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com