Electronic Components Datasheet Search
  English  ▼

X  

ICX412 Datasheet(PDF) 11 Page - Sony Corporation

Part # ICX412
Description  Timing Generator for Frame Readout CCD Image Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX412 Datasheet(HTML) 11 Page - Sony Corporation

Back Button ICX412 Datasheet HTML 7Page - Sony Corporation ICX412 Datasheet HTML 8Page - Sony Corporation ICX412 Datasheet HTML 9Page - Sony Corporation ICX412 Datasheet HTML 10Page - Sony Corporation ICX412 Datasheet HTML 11Page - Sony Corporation ICX412 Datasheet HTML 12Page - Sony Corporation ICX412 Datasheet HTML 13Page - Sony Corporation ICX412 Datasheet HTML 14Page - Sony Corporation ICX412 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
– 11 –
CXD3606R
RST
0.2VDDd
tw1
0.2VDDd
VD
HD
ts1
th1
0.2VDDd
0.2VDDd
0.2VDDd
RST loading characteristics
Symbol
tw1
Definition
RST pulse width
Min.
Typ.
Max.
28
Unit
ns
(Within the recommended operating conditions)
VD and HD phase characteristics
Symbol
ts1
th1
Definition
VD setup time, activated by the falling edge of HD
VD hold time, activated by the falling edge of HD
Min.
Typ.
Max.
0
0
Unit
ns
ns
(Within the recommended operating conditions)
HD
MCKO
ts1
th1
0.2VDDd
0.8VDDd
0.2VDDd
HD loading characteristics
Symbol
ts1
th1
Definition
HD setup time, activated by the rising edge of MCKO
HD hold time, activated by the rising edge of MCKO
Min.
Typ.
Max.
20
0
Unit
ns
ns
MCKO load capacitance = 10pF
(Within the recommended operating conditions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com