Electronic Components Datasheet Search
  English  ▼

X  

ACE723A Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE723A
Description  3A 1.5MHz 5.5V Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE723A Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE723A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ACE723A
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
6
Packing Information
DFN2*2-8
TOP VIEW
BOTTOM VIEW
Pin 1 dot by marking
Pin #1 identification chamfer
Side view
Common Dimensions (mm)
PKG.
W:very very thin
REF.
MIN.
NOM.
MAX.
A
0.70
0.75
0.80
A1
0.00
-
0.05
A3
0.2 REF.
D
1.95
2.00
2.05
E
1.95
2.00
2.05
B
0.18
0.23
0.30
L
0.25
0.35
0.45
D2
1.05
1.20
1.30
E2
0.45
0.60
0.70
e
0.50 BSC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com