Electronic Components Datasheet Search
  English  ▼

X  

ACE723A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE723A
Description  3A 1.5MHz 5.5V Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE723A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE723A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE723A
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
1
Description
The ACE723A is a high efficiency synchronous, buck DC/DC converter. Its input voltage range is from
2.6V to 6V and provides an adjustable regulated output voltage from 0.8V to 5.5V while delivering up to
3A of output current.
The internal synchronous switches efficiency and eliminate the need for an external Schottky diode. The
switching frequency is set by an external resistor or can be synchronized to an external clock. The 100%
duty cycle provides low dropout operation extending battery life in portable systems.
The ACE723A is operated in PFM/PWM auto-switch mode which enhance the efficiency at light-load.
Features
Adjustable Output Voltage, Vfb=0.8V
Maximum output current is 3A
Range of operation input voltage: Max 6V
Standby current: 0.5mA (typ.)
Line Regulation: 0.1%/V (typ.)
Load Regulation: 10mV (typ.)
High efficiency, up to 96%
Environment Temperature: -20OC~85OC
Application
Power Management for 3G modem
3W LED driver from Li-ion battery
LCD Monitor and LCD TV
DVD Decode Board
ADSL Modem
Post Regulators for Switching Supplies
Typical Application
ACE723A


Similar Part No. - ACE723A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7238N ACE-ACE7238N Datasheet
199Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.2
More results

Similar Description - ACE723A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20123 NSC-LM20123 Datasheet
581Kb / 20P
3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
logo
National Semiconductor ...
LM20123 NSC-LM20123_08 Datasheet
581Kb / 20P
3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8529 BELLING-BL8529 Datasheet
771Kb / 5P
3A 1.5MHz 5.5V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
1.5A 1.5MHz Synchronous Buck Converter
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com