Electronic Components Datasheet Search
  English  ▼

X  

CXG1017 Datasheet(PDF) 2 Page - Sony Corporation

Part # CXG1017
Description  GSM1800/1900 DPDT TX/RX Antenna Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1017 Datasheet(HTML) 2 Page - Sony Corporation

  CXG1017 Datasheet HTML 1Page - Sony Corporation CXG1017 Datasheet HTML 2Page - Sony Corporation CXG1017 Datasheet HTML 3Page - Sony Corporation CXG1017 Datasheet HTML 4Page - Sony Corporation CXG1017 Datasheet HTML 5Page - Sony Corporation CXG1017 Datasheet HTML 6Page - Sony Corporation CXG1017 Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
– 2 –
CXG1017N
<For Europe and America>
Electrical Characteristics
Measurement Conditions, unless otherwise stated: Vctl (L) = 0V, Vctl (H) = 5.5V,
Pin = 33dBm GSM Burst (577µs pulse length with 8:1 Duty cycle), F = 1.75GHz. Temperature Range –25 to +75°C.
Parameter
Insertion loss
Isolation
VSWR
Switching time
Harmonic levels
Control currents
P0.1dB
P0.3dB
P0.1dB for Vctl (H) = 4.5V
P0.1dB for Vctl (H) = 3.0V
14
0.7
16
100
–56
400
34.5
35.5
34
29
0.95
1.5
–50
800
dB
dB
ns
dBc
µA
dBm
dBm
dBm
dBm
Min.
Typ.
Max.
Unit
Control Voltage Selection, Vctl (H)
The choice of control voltage will determine the compression characteristic of the switch and the generation of
harmonics. The table above indicates the sensitivity of P0.1dB to control voltage, whilst the graphs below
indicate the sensitivity of harmonic levels:
Vctl = 0/3V
Vctl = 0/4.5V
Vctl = 0/5.5V
–20
–30
–40
–50
–60
–70
30
31
32
33
34
35
36
37
38
Input power [dBm]
2nd Harmonic with Power/Control Volts
Vctl = 0/3V
Vctl = 0/4.5V
Vctl = 0/5.5V
–20
–30
–40
–50
–60
–70
30
31
32
33
34
35
36
37
38
Input power [dBm]
3nd Harmonic with Power/Control Volts



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com