Electronic Components Datasheet Search
  English  ▼

X  

CXG1017 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXG1017
Description  GSM1800/1900 DPDT TX/RX Antenna Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1017 Datasheet(HTML) 6 Page - Sony Corporation

  CXG1017 Datasheet HTML 1Page - Sony Corporation CXG1017 Datasheet HTML 2Page - Sony Corporation CXG1017 Datasheet HTML 3Page - Sony Corporation CXG1017 Datasheet HTML 4Page - Sony Corporation CXG1017 Datasheet HTML 5Page - Sony Corporation CXG1017 Datasheet HTML 6Page - Sony Corporation CXG1017 Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SAW
MCU
90MHz
I
Q
I
Q
AD
DA
Flash
Speech
Codec
LNA
SRAM
64K
× 16
RX
PLL2
PLL1
SGM2016AM-21-T7
IT362/IT402
IT363/IT403
IT413
CXG1037FN DCS1800
SPDT Antenna Switches
CXG1028TM GSM 900/1800/1900
CXG1006N
GSM1800/1900
CXK5T8257BTM
CXK5T8512TM
CXK5T81000ATM
CXK5T16100TM
Sony IC
RX
TX
CAR ANT
HP ANT
DSP
CXG1017N GSM1800/1900
CXA3021R
TX
32K
× 8
64K
× 8
128K
× 8
64K
× 16
– 6 –
CXG1017N
<For Europe and America>
Sony GSM Lineup



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com