Electronic Components Datasheet Search
  English  ▼

X  

STA369BW Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 1 Page - STMicroelectronics

  STA369BW Datasheet HTML 1Page - STMicroelectronics STA369BW Datasheet HTML 2Page - STMicroelectronics STA369BW Datasheet HTML 3Page - STMicroelectronics STA369BW Datasheet HTML 4Page - STMicroelectronics STA369BW Datasheet HTML 5Page - STMicroelectronics STA369BW Datasheet HTML 6Page - STMicroelectronics STA369BW Datasheet HTML 7Page - STMicroelectronics STA369BW Datasheet HTML 8Page - STMicroelectronics STA369BW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
July 2011
Doc ID 022033 Rev 1
1/88
1
STA369BW
Sound Terminal®
2.1-channel high-efficiency digital audio system
Features
Wide-range supply voltage
– 5 V to 26 V (operating range)
– 30 V (absolute maximum rating)
Four power output configurations
– 2 channels of ternary PWM (stereo mode)
(2 x 30 W into 8
Ω at 22 V)
– 3 channels - left, right using binary and LFE
using ternary PWM (2.1 mode) (2 x 15 W +
1x30 W into 2x4
Ω, 1 x 8 Ω at 22 V)
– 2 channels of ternary PWM (2 x 30 W) +
stereo lineout ternary)
FFX®100 dB SNR and dynamic range
Selectable 32 to 192 kHz input sampling rates
I2C control with selectable device address
Digital gain/attenuation +42 dB to -80 dB with
0.125 dB/step resolution
Soft-volume update with programmable ratio
Individual channel and master gain/attenuation
Two independent DRCs configurable as a
dual-band anti-clipper (B2DRC) or independent
limiters/compressors
EQ-DRC for DRC based on filtered signals
Dedicated LFE processing for bass boosting
with 0.125 dB/step resolution
Audio presets:
– 15 preset crossover filters
– 5 preset anti-clipping modes
– Preset nighttime listening mode
Individual channel and master soft/hard mute
Independent channel volume and DSP bypass
Automatic zero-detect mute
Automatic invalid input-detect mute
I2S input data interface
Input and output channel mapping
Up to 8 user-programmable biquads per
channel
3 coefficient banks for EQ presets storing with
fast recall via I2C interface
Extended coefficient dynamic up to -4..4 for
easy implementation of high shelf filters
Bass/treble tones and de-emphasis control
Selectable high-pass filter for DC blocking
Advanced AM interference frequency
switching and noise suppression modes
Selectable high- or low-bandwidth
noise-shaping topologies
Selectable clock input ratio
96 kHz internal processing sampling rate with
quantization error noise shaping for very low
cutoff frequency filters
Thermal overload and short-circuit protection
embedded
Video apps: 576 x Fs input mode supported
Fully compatible with STA339BW,
STA369BWS and STA350BW
Table 1.
Device summary
Order code
Package
Packing
STA369BW
Power SSO-36
Tube
STA369BWTR
Power SSO-36
Tape and reel
PowerSSO-36
with exposed pad down (EPD)
www.st.com


Similar Part No. - STA369BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA369BW STMICROELECTRONICS-STA369BW Datasheet
1Mb / 89P
2.1-channel high-efficiency digital audio system Sound Terminal
25-Sep-2013
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
1Mb / 92P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
22-Sep-2014
STA369BWSTR STMICROELECTRONICS-STA369BWSTR Datasheet
1Mb / 92P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
22-Sep-2014
STA369BWS STMICROELECTRONICS-STA369BWS_V01 Datasheet
1Mb / 92P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
22-Sep-2014
More results

Similar Description - STA369BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
10-Dec-2009
STA350BW STMICROELECTRONICS-STA350BW Datasheet
1Mb / 86P
Sound Terminal® 2.1-channel high-efficiency digital audio system
13-Apr-2012
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STA381BWS STMICROELECTRONICS-STA381BWS Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
20-Jul-2012
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
Sound Terminal® 2.1-channel high-efficiency digital audio system
04-Apr-2012
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STA381BWTR STMICROELECTRONICS-STA381BWTR Datasheet
6Mb / 174P
Sound Terminal® 2.1-channel high-efficiency digital audio system
17-May-2013
STA350B STMICROELECTRONICS-STA350B Datasheet
2Mb / 94P
2.1-channel high-efficiency digital audio system Sound TerminalR
07-Jun-2019
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com