Electronic Components Datasheet Search
  English  ▼

X  

STA369BW Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 6Page - STMicroelectronics STA369BW Datasheet HTML 7Page - STMicroelectronics STA369BW Datasheet HTML 8Page - STMicroelectronics STA369BW Datasheet HTML 9Page - STMicroelectronics STA369BW Datasheet HTML 10Page - STMicroelectronics STA369BW Datasheet HTML 11Page - STMicroelectronics STA369BW Datasheet HTML 12Page - STMicroelectronics STA369BW Datasheet HTML 13Page - STMicroelectronics STA369BW Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
Description
STA369BW
10/88
Doc ID 022033 Rev 1
1
Description
The STA369BW is an integrated solution of digital audio processing, digital amplifier control,
and FFX-power output stage, thereby creating a high-power single-chip FFX® solution
comprising high-quality, high-efficiency, and all-digital amplification.
The STA369BW is based on an FFX (fully flexible amplification) processor, a proprietary
technology from STMicroelectronics. FFX is the evolution and the enlargement of ST’s
ternary technology: the new processor can be configured to work in ternary, binary, binary
differential and phase-shift PWM modulation schemes.
The STA369BW contains the ternary, binary and binary differential implementations, a
subset of the full capability of the FFX processor.
The STA369BW is part of the Sound Terminal® family that provides full digital audio
streaming to the speaker, offering cost effectiveness, low power dissipation and sound
enrichment.
The STA369BW power section consists of four independent half-bridges. These can be
configured via digital control to operate in different modes. 2.1 channels can be provided by
two half-bridges and a single full-bridge, providing up to 2 x 15 W + 1 x 30 W of music output
power, by using standard 4 and 8
Ω speakers. Two channels can be provided by two full-
bridges, providing up to 2 x 30 W, by using standard 8
Ω speaker at 22 V. The IC can also be
configured as 2.1 channels with 2 x 30 W provided by the device and external power for FFX
power drive. Please refer to the package thermal characteristics and application
suggestions for more details.
Also provided in the STA369BW are a full assortment of digital processing features. This
includes up to 8 programmable biquads (EQ) per channel. Special digital signal processing
techniques are available in order to manage low-frequency quantization noise in case of
very low frequency cutoff filter thresholds. The coefficient range -4..4 allows the easy
implementation of high shelf filters. Available presets allow the advantage of earlier time-to-
market by substantially reducing the amount of software development needed for certain
functions. This includes audio preset volume loudness, preset volume curves and preset EQ
settings. There are also new advanced AM radio interference reduction modes. The dual-
band DRC dynamically equalizes the system to provide speaker linear frequency response
regardless of output power level. This feature independently processes the two bands,
controlling dynamically the output power level in each band, thus providing better sound
clarity.
The serial audio data input interface accepts all possible formats, including the popular I2S
format. Three channels of FFX processing are provided. This high-quality conversion from
PCM audio to FFX PWM switching waveform provides over 100 dB SNR and dynamic
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com